Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 31Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 32Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 33Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 34Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 35Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 36Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 37Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 38Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
35
January 26, 2016
Figure 3.2 ZAMC4100 Clock Sources
OSCH
125kHz
OSCL
WDT
LIN
Wake-up
20MHz
4MHz
SLEEP
0
1
SBC Clock
MCU Clock
5
OSCL Failure
Detection
OSCLEIF
OSCL Failure Detection
In order to increase the system robustness, the ZAMC4100 features a mechanism for failure detection in the
OSCL clock generation. This ensures that the MCU is alerted by an interrupt in the event of the watchdog timer
not functioning (caused by an OSCL clock stop).
The OSCL clock is observed by dedicated circuitry running on the OSCH clock. If for any reason the OSCL clock
stops, then an OSCL failure event is detected, captured in the flag OSCLEIF (see Table 3.1), and propagated as
an interrupt to the MCU. Then the MCU firmware can determine whether to perform any failure protection actions
(for example, a failure report to the electronic control unit ECU via LIN) or to continue with the regular firmware
execution.
Note: In SLEEP Mode, the OSCL failure detection is disabled because the OSCH clock is stopped, i.e. no OSCL
clock observation is possible.
3.2.2.
Reset Sources
The ZAMC4100 system has three resets all generated within the SBC chip. Each reset source has its own flag bit.
The MCU can distinguish between the different resets by reading the contents of register RSTSTAT (Table 3.1
and Table 3.2). The flags of the RSTSTAT register are cleared by writing a ‘1’ in the corresponding bit of the
RSTSTAT register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com