Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 68Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 69Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 70Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 71Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 72Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 73Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 74Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 75Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
72
January 26, 2016
Figure 3.18 Effect of Driver Enable When the PWM is Running
HS3PWMEN
PWM signal
HS3
HS3EN
START
STOP
3.10.5. PWM Module in SLEEP and STANDBY Mode
When SLEEP or STANDBY Mode is activated, the PWM signal generation is automatically disabled by clearing
the value of register PWMDCFG (i.e., zero the duty-cycle). The drivers’ PWM enable bits in register PWMDREN
are also cleared. If needed after wake-up, the MCU can reinitialize the PWM unit following the procedure
explained in the previous section.
As a recommended practice, before entering the SLEEP or STANDBY Mode, the MCU should stop the PWM in
order to ensure that the drivers will not be disabled during the PWM pulse generation phase; i.e. no glitches at the
drivers’ outputs.
3.11. EC Mirror Driver
The structure of the EC mirror (ECM) driver is shown in Figure 3.19. It is controlled via register ECMCTRL (see
Table 3.27). Setting the ECMEN bit in this register enables the driver while the output voltage is controlled by a 6-
bit DAC programmed by the ECMDAC bits.
The driver operates as the DAC voltage is continuously compared with the voltage measured at the EC_M pin by
the error amplifier. Depending on the comparison result, it controls both transistors of the output stage to provide
a current with a direction and value necessary for achieving the desired voltage across the electrochromatic
mirror terminals. The reflectivity of the mirror is controlled precisely with respect to the desired level (set by bits
ECMDAC[5:0] in the ECMCTRL register).
In order to limit the current through the load and to reduce the power dissipation of the driver inside the chip, an
external resistor is connected in series between the high-side transistor of the output stage and the EC mirror. It
must withstand power in the range of 0.5W to 1W depending on the nominal supply voltage, the static current
consumption, and the expected dynamic current consumption.
For achieving maximum reflectivity of the mirror in the fastest possible way, it is necessary that the voltage across
the electrochromatic material (CECM) to be reduced to zero. This is achieved by completely turning on the low-side
transistor of the output stage of the ECM driver, which shorts the terminals of the mirror and provides a low
resistance current path for discharging. If the equivalent resistance of that switch is low (see Table 1.9), the time
necessary for that transition is determined mainly by the parameters of the EC mirror (CECM, RECMs, RECMp) and the
initial voltage to which it has been charged. This feature is enabled by the dedicated bit DSCEN in the ECMCTRL
register.
Like all other power drivers in the ZAMC4100, the ECM driver is automatically disabled in the event of an
over/under voltage event or overheating of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com