Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 16Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 17Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 18Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 19Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 20Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 21Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 22Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 23Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
20
January 26, 2016
Parameter
Symbol
Min.
Typ.
Max.
Unit
EC Driver Output Voltage
Nominal output voltage range
VEC
0
-
1.38
V
Maximum output voltage
VECMAX
1.311
1.38
1.449
V
Output voltage tolerance
dVEC
-5
-
5
%
DAC resolution
ECDAC_RES
-
6
-
bit
Open/Short Diagnostic Parameters (for EC_M and EC_RES Pins)
Diagnostic current source/sink
IECM_CS,
IECRES_CS
50
120
190
μA
Open/short flag threshold level
VOSF_ECM
0.6
-
0.9
V
Table 1.10 Drivers Dynamic Parameters
Note: See important notes at end of table.
Parameter
Symbol
Min.
Typ.
Max.
Unit
HS1 (High-Side Driver)
Propagation delay
1), 2)
tD_HS1
5
11
17
µs
Over-current shut down integration time
3)
tOC_HS1
-
20
-
µs
Slew rate (IHS1=5A)
2), 4)
SLHS1
0.3
0.8
1.1
V/µs
HS2-4 (High-Side Drivers)
Propagation delay
1), 2)
tD_HS2,3,4
3
7
11
µs
Over-current shut down integration time
3)
tOC_HS2,3,4
-
20
-
µs
Slew rate (IHS2,3,4=0.3A)
2), 4)
SLHS2,3,4
0.6
1.3
2.0
V/µs
HB1,2 (Half-Bridges)
Propagation delay
1), 2)
tD_HB1,2
5
11
17
µs
Over-current shut down integration time
3)
tOC_HB1,2
-
20
-
µs
Slew rate (IHB1,2=2.7A)
2), 4)
SLHB1,2
0.6
1.1
1.6
V/µs
HB3,4 (Half-Bridges)
Propagation delay
1), 2)
tD_HB3,4
4
12.5
21
µs
Over-current shut down integration time
3)
tOC_HB3,4
-
20
-
µs
Slew rate (IHB3,4=0.6A)
2), 4)
SLHB3,4
0.6
1.1
1.6
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com