Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 14Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 15Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 16Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 17Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 18Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 19Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 20Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 21Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
18
January 26, 2016
Parameter
Symbol
LIN Spec 2.2
Reference
Min
Typ.
Max
Unit
Difference between battery shift and ground shift
2)
VSHIFT_Difference Parameter 24
0
-
8
%
LIN pull-up resistor
RSLAVE
Parameter 26
20
40
60
kΩ
Duty cycle 1
D1
Parameter 27
0.396
-
-
-
Duty cycle 2
D2
Parameter 28
-
-
0.581
-
Duty cycle 3
D3
Parameter 29
0.417
-
-
-
Duty cycle 4
D4
Parameter 30
-
-
0.590
-
Receiver propagation delay
tRX_pdr
Parameter 31
-
-
6
µs
Receiver propagation delay symmetry between rising
and falling edge
tRX_sym
Parameter 32
-2
-
2
µs
Capacitance of slave node
2)
CSLAVE
Parameter 23
-
-
250
pF
LIN pin capacitance
1)
CLIN
-
-
-
30
pF
Over-current shutdown threshold
IOC_LIN
-
45
-
175
mA
LIN wake-up filter time
tLINWU
-
100
125
150
µs
TxD dominant time out time
tDOM
-
11
-
-
ms
LIN fast mode data rate (Cbus = 1nF, Rbus = 1kΩ)
1)
LBFAST
-
-
-
115
kbps
1)
Parameter guaranteed by process monitoring but not tested during production.
2)
Standard LIN network parameter which specifies operating condition for the IC.
1.2.4.
Output Drivers
Table 1.8
Drivers Static Parameters
Parameter
Symbol
Min.
Typ.
Max.
Unit
HS1 (High-Side Switch)
Switch-on resistance (at 27°C; VSUP=13.5V; IHS1=1A)
RDSON_HS1
110
170
230
mΩ
Over-current shut down
IOC_HS1
5.5
6.1
6.7
A
Leakage current
ILEAKAGE_HS1
-
<0.5
15
μA
Current sense ratio
CSR_HS1
650000
695000
740000
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com