Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 42Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 43Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 44Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 45Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 46Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 47Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 48Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 49Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
46
January 26, 2016
3.5.3.
STANDBY Mode
In STANDBY Mode, the clock in the MCU is suspended rather than powered down. This MCU suspension
reduces power consumption (by a factor of two compared to the NORMAL Mode). Because the SBC analog
circuitry and MCU remain supplied, the system quickly returns to functionality when coming out from STANDBY
Mode.
The sequence of STANDBY Mode entry is shown in Figure 3.7. The MCU enables this mode by setting the STBY
bit in the SMDCTRL register (Table 3.5). After enabling the STANDBY Mode, the MCU firmware must execute a
dedicated clock gating instruction that will stop the MCU clock and therefore the program execution.
The MCU clock is enabled again if it receives an SBC interrupt on the IRQN line (see block diagram on page 4).
The interrupt can be generated by a LIN wake-up event or from another SBC peripheral event. The IRQN
interrupt generation automatically clears the STBY bit and the SBC switches to NORMAL Mode.
Note:
1) Before entering the STANDBY Mode, the MCU must clear all SBC interrupt flags in order to have the
IRQN line = ‘1’. Otherwise setting the STBY bit = 1 will not take effect.
2) When STANDBY Mode is enabled, all drivers are automatically disabled. If needed after wake-up, the
MCU should re-enable the drivers by setting the corresponding enable bits.
3) In order to have a LIN wake-up in STANDBY Mode, the interrupt enable bit LINIE in the IRQCTRL
register (Table 3.7) should be set high.
3.5.4.
Supported Wake-up Sources
When the ZAMC4100 system is in SLEEP or STANDBY Mode, it returns to NORMAL operation mode when a
valid wake-up event is detected. The next sections describe the wake-up events supported by the ZAMC4100.
LIN Bus Wake-up
The wakeup detection protocol of the ZAMC4100 is based on the LIN 2.1 specification and discussed in detail in
section 3.13.2. The LIN wake-up detection is automatically enabled when SLEEP or STANDBY Mode is invoked.
When a LIN wake-up event occurs, it generates an interrupt that is indicated in the LINWUIF flag. Disabling the
LIN wake-up interrupt does not disable the wake-up event.
WDT Wake-up on MCU Reset Time-Out (STANDBY Mode)
This wake-up is generated only when the system is in STANDBY Mode and the watchdog timer is enabled to run
in STANDBY Mode. This is enabled by setting the WDTPMEN bit to ‘1’ in the SMDCTRL register (Table 3.5). If
the MCU reset time-out occurs it does not generate an MCU reset, only a wake-up event and return to NORMAL
Mode.
If the WDT interrupt is enabled, it is indicated by the WDTIF bit in the IRQSTAT register (



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com