Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 19Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 20Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 21Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 22Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 23Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 24Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 25Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 26Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
23
January 26, 2016
1.3.2.
Analog-to-Digital Converter
Table 1.15 ADC Timing Parameters
Note: See Figure 1.1 for parameter definitions. All timing parameters below are calculated for the typical value of
the OSCH frequency.
Parameter
Symbol
Min.
Typ.
Max.
Unit
ADC maximum sample rate
1), 2)
SRMAX
-
250
-
Ksps
ADC continuous conversion phase
tCCNV
4
-
512
µs
ADC continuous conversion phase (external temperature mode)
tCCNV_TM
32
-
512
µs
ADC single conversion phase
tSCNV
14
-
522
µs
ADC single conversion phase (external temperature mode)
3)
tSCNV_TM
-
42
-
µs
ADC settling time
4)
tADC_STL
-
10
-
µs
ADC sampling time
5)
tADC_SMP
1
-
509
µs
ADC sampling time (external temperature mode)
6)
tADC_SMP_TM
-
29
-
µs
ADC conversion time
tADC_CNV
-
3
-
µs
ADC idle time
3), 6), 7)
tADC_IDLE
0
-
480
µs
1)
The absolute maximum IDT target for ADC sample rate is 250ksps. IDT reserves the right to change the maximum ADC sample rate
if driven by further design considerations.
2)
The maximum possible sample rate for external temperature conversion is SRMAX/8.
3)
The ADC idle time is 0 for single external temperature conversion and continuous conversion at maximum SR.
4)
Added to each single conversion and to the first conversion in continuous mode.
5)
The parameter tADC_SMP is calculated using the formula:
(
)
CNV
ADC
MAX
n
SMP
ADC
t
SR
t
_
_
2
−
=
, where n = [0:7] and n is the
decimal equivalent of the value configured in bit field ADCSR[2:0] in the ADCCONF register (see Table 3.37).
6)
For external temperature measurement, the ADC sample time is fixed. Changing ADCSR[2:0] changes the ADC idle time.
7)
The parameter tADC_IDLE is calculated using the formula:
(
)
CNV
ADC
TM
SMP
ADC
MAX
n
IDLE
ADC
t
t
SR
t
_
_
_
_
2
−
−
=
, where n = [3:7]
and n is the decimal equivalent of the value configured in bits ADCSR[2:0]. Important: For n = [0:2], tADC_IDLE = 0.
Figure 1.1 ADC Timing Parameters Definition
tADC_STL
tADC_CNV
tADC_SMP
tCCNV
tSCNV
tADC_STL
tADC_CNV
tADC_SMP_TM
All other ADC
conversions
Ext. temperature
ADC conversion
tADC_IDLE
tCCNV_TM
tSCNV_TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com