Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 10Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 11Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 12Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 13Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 14Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 15Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 16Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 17Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
14
January 26, 2016
1
IC Characteristics
1.1.
Absolute Maximum Ratings
Stresses above those listed in this clause may cause immediate and permanent device failure. It is not implied
that more than one of these conditions can be applied simultaneously. Operation outside the operating ranges for
extended periods may affect device reliability. Total cumulative dwell time above the maximum operating rating
for power supply or temperature must be less than 100 hours.
Table 1.1
Absolute Maximum Ratings
Parameter
Symbol
Value
UNIT
Supply Voltage
System supply voltage
VVDDE
-0.3 to 28
V
System supply voltage under transient conditions
VVDDE_max
-0.3 to 40
V
Input Pin Voltage
AIN1-4
VIN(ANALOG)
-0.3 to 5.5
V
GPIO0-7
VIN(MCU)
-0.3 to 3.6
V
LIN Bus Voltage
Bus voltage
VBUS(SS)
-18 to 40
V
Transient input voltage (per ISO7637 Specification)
VBUS(PK)
-150 to 100
V
GPIO Supply current
Total GPIO sink/source current (referenced to 3.3V)
IGPIO
5
mA
Table 1.2
Thermal Specifications
Parameter
Symbol
Value
UNIT
Thermal Ratings
Operating ambient temperature
TA
-40 to 85
˚C
Operating junction temperature
1), 2)
TJ
-40 to 125
˚C
Storage temperature
TSTG
-40 to 150
˚C
Thermal Characteristics
Thermal resistance junction to case
3),4)
ΘJC
0.4
˚C/W
Thermal resistance junction to ambient
3),4)
ΘJA
21
˚C/W
1)
The limiting factor is the operating temperature of the FLASH memory within the MCU where the data retention is guaranteed for temperatures up to
85˚C. In order to keep the MCU temperature below 85˚C when the SBC is running at maximum temperature, the application should provide a sufficient
heat sink. For more information, contact IDT technical support.
2)
The device will automatically shut down the drivers at 125°C.
3)
IDT uses test boards in conformance with the JESD51-7 (JEDEC) for thermal impedance measurement.
4)
This value applies for the JEDEC board profile and specific environment only for package performance comparison. Care should be taken when apply-
ing in the actual application where the printed circuit board (PCB) profile and environment are different. Contact IDT technical support for assistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com