Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 80Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 81Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 82Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 83Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 84Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 85Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 86Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 87Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
84
January 26, 2016
3.12.4. ADC Voltage References and Result Calculation
The ZAMC4100 ADC features different reference sources depending on the configured measurement mode. The
reference voltage is automatically selected depending on the INPSEL setting and the analog inputs configuration
(AINCONF register; Table 3.32). These settings also configure the result interpretation as described below.
Note: In the following descriptions of the measurement options, the coefficients CSR_X, IREF, VREF and Vt27 can
vary from chip to chip. If more precise calculations are needed their factory-trimmed values can be obtained from
the MCU FLASH memory (refer to section 4.2.3); otherwise the default values from Table 1.8, Table 1.11, and
Table 1.12 are used.
Ratiometric measurement
In the ratiometric measurement mode, the reference voltage for the ADC is the voltage between the S_P and S_N
sensor pins. The result of the ADC conversion is calculated as the RATIO of the voltage between the S_P, S_N
pins and the voltage at input AINx:
(
)
%
RATIO
RESCODE
100
1
210 −
∗
=
Depending on the application requirements, the result format can be configured as signed or unsigned. For
example, the signed ratiometric result can be used for position adjusting while the unsigned result format is
convenient for level measurement.
Absolute voltage measurement
The absolute voltage measurement mode is used for analog inputs measurement, for system supply measure-
ment (the voltage at VDDE pin), and for the EC_M pin diagnostic measurement (see Table 3.36). In this case, the
reference voltage for the ADC is provided by the internal reference source (VREF) with the value that is specified in
Table 1.12. The formula used for result calculation is
]
[
2
]
[
10
V
V
V
AINx
RESCODE
REF
∗
=
For VDDE measurements, the equation is:
[V]
V
VDDE[V]
RESCODE
REF
∗
∗
=
8
210
Absolute current measurement
This measurement is for internal channels associated with half-bridge and high-side drivers. The equation below
represents a current measurement in RESCODE (unsigned) after internal translation using two constants:
CSR_X = Current Sense Ratio Coefficient (specified for each high-side and half bridge driver in Table 1.8)
IREF = Calibrated internal reference current as specified in Table 1.12 (typically 10µA)
]
[
2
]
[
_
10
A
I
CSR
A
I
RESCODE
REF
X
IN
µ
∗
∗
µ
=
Where IIN = Input current up to full-scale range equal to (CSR_X Û IREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com