Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 33Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 34Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 35Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 36Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 37Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 38Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 39Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 40Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
37
January 26, 2016
Table 3.1
RSTSTAT Register Bits Mapping
Name
RSTSTAT
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
0
0
0
0
0
0
0
1
Access
R/Wc
R/Wc
R/Wc
R/Wc
R/Wc
R/Wc
R/Wc
R/Wc
Address
0x00
R/Wc = Read/Write ‘1’ to clear; U = Unimplemented, read as ‘0.’
Table 3.2
RSTSTAT Register Bits Description
Bit
Description
7
OSCLEIF: Low frequency oscillator (OSCL) error interrupt flag.
1 = The 125kHz clock has stopped due to OSCL failure.
0 = The OSCL is operating and the 125kHz clock is present.
6
CPVEIF: Charge pump voltage error interrupt flag.
1 = The charge pump voltage is out of range during driver operation or in the act of driver enabling. If this event
occurs, all drivers are automatically disabled.
0 = Charge pump voltage is in range.
5
OVIF: Overvoltage interrupt flag.
1 = Overvoltage event occurred. If OVDP=1, all drivers are automatically disabled (see Table 3.5).
0 = Overvoltage event did not occur.
4
UVIF: Under-voltage interrupt flag.
1 = Under-voltage event occurred. If UVDP=1, all drivers are automatically disabled (see Table 3.5).
0 = Under-voltage event did not occur.
3
OVTIF: Over-temperature interrupt flag
1 = Over-temperature event occurred, and all drivers are disabled.
0 = Over-temperature event did not occur.
2
WDTSYSF: Watchdog timer system reset flag.
1 = The MCU has failed several times in clearing the WDT timer and system reset was generated.
0 = There is no system reset by WDT.
1
WDTMCUF: Watchdog timer MCU reset flag.
1 = MCU reset was caused by the WDT.
0 = There is no MCU reset by WDT.
0
PORF: Power-on-reset flag.
1 = System reset was caused by the POR block.
0 = There is no system reset by the POR block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com