Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 61Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 62Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 63Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 64Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 65Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 66Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 67Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 68Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
65
January 26, 2016
HBxCSHEN
1)
HBxCSLEN
1)
HByLEN
1)
HBxOSF
1)
Description
2)
0
1
1
0
1
0
0
0
Invalid.
0
1
0
1
1)
In the case of a load connected between two half-bridges (full-bridge configuration), “x” corresponds to one of the half-bridges (x = 1 to 4) and “y”
corresponds to the other half-bridge (y = 1 to 4). In the case of a load connected between the output of the driver and one of the supply rails, the column
“HByLEN” is not applicable. See Table 3.13 for more information about the HByLEN bits.
2)
Important: The result of the diagnostic procedure is correct only if the drivers involved are switched-off during the diagnostic procedure and are turned
on only when explicitly required according to this table.
3)
The diagnostic procedure for full-bridge configuration includes enabling one of the low-side drivers, which makes a complete diagnostic of the load
possible.
3.9.
High-Side Drivers
Within the SBC, there are 4 high-side drivers for HS1 to HS4. Figure 3.14 shows the block diagram for the each
driver. It is essentially the same as the half-bridge but without the low-side MOSFET.
Figure 3.14 Structure of High-Side Drivers
VDDE
Driver H
Charge
Pump
HSxEN
HSx pin
VSS
HSxCSEN
OCH
Detect
HSxOCIF
Limit
20µs Counter
Integrator
Open/Short
Detect
HSxOSF
CS
RLOAD
VSS
OVT Reset
HSx
PWMEN
From PWM
Block
CPVEIF
OVIF
UVIF
OVTIF
Features of High-Side Drivers:
•
Separate enable bit for each driver.
•
Separate PWM enable bit for each driver.
•
Each NMOS has over-current detection and protection circuitry. The over-current event automatically
disables the driver.
•
If an over-voltage or under-voltage condition is detected at VDDE pin the drivers are automatically disabled.
•
Each driver has diagnostic circuitry for detecting an open or short in the output load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com