Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 18Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 19Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 20Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 21Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 22Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 23Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 24Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 25Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
22
January 26, 2016
1.2.6.
Analog-to-Digital Converter
Table 1.13 ADC and Analog Input Pins Static Parameters
Parameter
Symbol
Min.
Typ.
Max.
Unit
ADC Parameters
Input voltage (AIN1 to AIN4) ratiometric measurement
1)
VIN_RM
VSN
-
VSP
V
Input voltage (AIN1 to AIN4) absolute voltage
measurement
2)
VIN_AM
0
-
VREF
V
Resolution
BADC
-
10
-
Bits
Integral non-linearity
INL
-3
-
+3
LSB
Differential non-linearity
DNL
-2
-
+2
LSB
Offset error
OFE
-3
-
+3
LSB
Gain error
3)
GE
-0.2
-
0.2
% FSR
AIN1 to AIN4, S_N, and S_P Pins Parameters
Switch resistance between S_N and VSSA pins
RDSON_SN
10
-
40
Ω
Equivalent input capacitance (AIN1 to AIN4 pins)
CIN
-
-
15
pF
Equivalent input series resistance (AIN1 to AIN4)
RS_IN
-
-
1.5
kΩ
Diagnostic current source/sink (S_P and AIN1 to AIN4)
IAIN_CS, ISP_CS
8
10
12
µA
Open/Short flag threshold level (S_P and AIN1 to AIN4)
VOSF_AIN
2.3
-
3.3
V
1)
VSN is the potential of the S_N pin. Considered to be 0V in the application.
2)
The minimum specification for VIN_AM is 0 with respect to the VSSA pin.
3)
As a percent of the input full-scale range (FSR).
1.3.
Timing Parameters
Note: Parameters are specified for a junction temperature range from -40°C to 125°C unless otherwise stated.
1.3.1.
Oscillators (OSCL and OSCH)
Table 1.14 Timing Parameters: Low-Power Oscillator and High-Frequency Oscillator
Parameter
Symbol
Min.
Typ.
Max.
Unit
OSCL (Low Power Oscillator)
Base frequency (at 27°C, after trimming)
FOSCL
122
125
128
kHz
Frequency temperature drift
FDRIFT_OSCL
-10
-
10
%
OSCH (High Frequency Oscillator)
Base frequency (at 27°C, after trimming)
FOSCH
19.7
20
20.3
MHz
Frequency temperature drift
FDRIFT_OSCH
-5
-
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com