Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ZAMC4100 Datasheet HTML 1Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 2Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 3Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 4Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 5Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 6Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 7Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 8Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
4
January 26, 2016
ACTUATORS
INTERFACE PINS
DESCRIPTION
COMMUNICATION
INTERFACE PINS
DESCRIPTION
HB1a
Output of half-bridge driver 1
LIN
LIN bus
HB1b
GPIO0 to GPIO7
General purpose I/O pins
HB2a
Output of half-bridge driver 2
TEST INTERFACE
PINS
DESCRIPTION
HB2b
HB3
Output of half-bridge driver 3
TEST
Global test enable pin
HB4
Output of half-bridge driver 4
TRSTN
JTAG Low-active Reset
HS1a
Output of high-side switch 1
TCK
JTAG clock
HS1b
TMS
JTAG Mode Select
HS2
Output of high-side switch 2
TDO
JTAG data out pin
HS3
Output of high-side switch 3
TDI
JTAG data in pin
HS4
Output of high-side switch 4
STO
SBC test data out
EC_M
Output for EC mirror control
SUPPLY PINS
DESCRIPTION
EC_RES
Connection to external resistor for EC
VDDE
Supply for the system
SERVICE PINS
DESCRIPTION
VDDE1 to VDDE8
High current supply for the drivers
CAP_5V0
Connection to external capacitor for 5V
(SBC analog core supply)
VSS1 to VSS5
High current ground for drivers
CAP_3V3
Connection to external capacitor for 3.3V
(MCU peripheral supply)
VSS_LIN
Ground for LIN transceiver
CAP_1V8
Connection to external capacitor for 1.8V
(SBC digital core supply)
VSSA
Ground for analog blocks (low noise)
CAP_MCU
Connection to external capacitor for 1.8V
(MCU core supply)
VSSD1
Ground for digital blocks of SBC
CAP_CP
Connection to external capacitor for CP
VSSD2
Ground for MCU
EXPOSED PAD
Connected to digital ground
VSS_IO
Ground for SBC digital IOs
Ordering Information
Product Sales Code
Description
Package
ZAMC4100GA2R
ZAMC4100GA PQFN64 – Temperature range: -40°C to +85°C
13” Tape and Reel
ZAMC4100GA2V
ZAMC4100GA PQFN64 – Temperature range: -40°C to +85°C
Tray
ZAMC4100 Evaluation Kit V2.0 including the ZAMC4100 Evaluation Board; software available at www.IDT.com/ZAMC4100
ZAMC4100 Application Kit V1.0 including the ZAMC4100 Application Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com