Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 12Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 13Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 14Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 15Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 16Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 17Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 18Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 19Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
16
January 26, 2016
Charge Pump
Charge pump output voltage (with respect to VDDE1; drivers disabled)
VCP
4.5
5.0
5.5
V
Charge pump output current (through CAP_CP pin)
ICAP_CP
-
-
10
µA
External Capacitor Pins Voltage
REG5V0 capacitor pin CAP_5V0
VCAP_5V0
4.5
5.0
5.5
V
REG3V3 capacitor pin CAP_3V3
VCAP_3V3
2.97
3.3
3.63
V
REG1V8 capacitor pin CAP_1V8 (on SBC side)
VCAP_1V8
1.62
1.8
1.98
V
REG1V8 capacitor pin CAP_MCU (on MCU side)
VCAP_MCU
1.62
1.8
1.98
V
Charge pump capacitor pin CAP_CP (with respect to VDDE1 pin)
VCAP_CP
4.3
-
5.5
V
Table 1.5
System Resets and Supply Monitoring
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power-On Reset
Threshold
1)
PORTH
4.2
4.5
4.8
V
Hysteresis
PORHYST
0.2
0.3
0.4
V
Under-Voltage Detection
Threshold
1)
UVDTH
5.7
6.0
6.3
V
Hysteresis
UVDHYST
0.05
0.2
0.3
V
Over-Voltage Detection
Threshold
1)
OVDTH
17.7
18.6
19.5
V
Hysteresis
OVDHYST
0.3
0.5
0.7
V
Over-Temperature Drivers Shut-Down
Threshold
2)
OVTTH
-
125
-
°C
Hysteresis
2)
OVTHYST
-
5
-
°C
1)
These parameters are defined with respect to the potential at the VDDE pin.
2)
Junction temperature of the SBC chip. Parameter guaranteed by process monitoring but not tested during production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com