Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZAMC4100 Datasheet HTML 1Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 2Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 3Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 4Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 5Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 6Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 7Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 8Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
Actuator and Motor Controller
ZAMC4100
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 26, 2016
Brief Description
The ZAMC4100 Actuator and Motor Controller is an
integrated, single package solution that features a
high-performance ARM
®
Cortex™-M0* microcon-
troller (MCU), a 10-bit ADC, four general purpose
analog inputs, four half-bridge drivers, four high-side
switches, one output buffer for electrochromatic (EC)
mirror control with programmable output voltage (6
bit DAC), current source for external diode-based
temperature measurements, switchable voltage
source for external resistive sensors, and LIN (Local
Interconnect Network) bus interface.
This single-package solution with its rich diagnostic
features, optimized thermal performance, and LIN
bus interface, is well suited for automotive applica-
tions, such as high-end automotive exterior mirror
controllers, where small form-factor circuit board
designs and light wiring harnesses are required.
Features
•
Two main operation modes
§
NORMAL Mode with all functionality
available
§
SLEEP Mode with very low current
consumption (less than 80µA)
•
10-bit ADC for measuring various parameters
•
4 general purpose ADC inputs configurable for
absolute or ratiometric mode
•
4 low RDS (ON) half-bridge drivers and 4 low
RDS (ON) high-side switches
•
Analog EC mirror output controlled via 6-bit DAC
•
All outputs short circuit protected
•
Hardware 8-bit PWM control for half-bridge and
high-side drivers
•
Over-temperature protection with automatic
driver shut-down
•
Over-voltage and under-voltage detection with
automatic driver shut-down
•
Overload and open/short diagnostic for all
outputs
•
Embedded LIN 2.2/SAE J2602-2 transceiver
•
Embedded ARM
® Cortex™-M0 microcontroller
•
8 user-configurable GPIO pins
Benefits
•
Multi-chip-module concept with high functional
integrity
•
Low number of external components
•
Small footprint plastic QFN package with
exposed pad allowing better thermal
management
•
AEC-Q100 qualified product, optimized for
automotive environment
•
Smart power management concept for achieving
low sleep current consumption (<80µA)
Available Support
•
Data sheet and application notes
•
Evaluation and Application Kits
•
Software Development Kit (SDK)
Physical Characteristics
•
Ambient operation temperature: -40°C to +85°C
•
Wide power supply voltage range: 6V to 18V
•
Plastic QFN64 9x9mm package; exposed die pad
ZAMC4100
PQFN64 TOP VIEW
EXPOSED PAD
(pin 65)
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
TCK
TMS
TDO
TDI
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6
GPIO7
n.c.
CAP_3V3
CAP_1V8
HB2a
VSS3
HB1b
VDDE2
VDDE3
HS1a
VDDE4
VDDE5
HS2
HS1b
VDDE6
VDDE7
HB1a
HS3
VSS2
HB2b
CAP_MCU
* Note: The ARM® and Cortex™ trademarks are owned by ARM, Ltd.


Similar Part No. - ZAMC4100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZAMC4100 IDT-ZAMC4100 Datasheet
2Mb / 155P
Actuator and Motor Controller
ZAMC4100GA2R IDT-ZAMC4100GA2R Datasheet
2Mb / 155P
Actuator and Motor Controller
ZAMC4100GA2V IDT-ZAMC4100GA2V Datasheet
2Mb / 155P
Actuator and Motor Controller
More results

Similar Description - ZAMC4100

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63010FP MITSUBISHI-M63010FP Datasheet
133Kb / 16P
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63013FP MITSUBISHI-M63013FP Datasheet
137Kb / 17P
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63015FP MITSUBISHI-M63015FP Datasheet
196Kb / 15P
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63020FP MITSUBISHI-M63020FP Datasheet
144Kb / 17P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63021FP MITSUBISHI-M63021FP Datasheet
141Kb / 17P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63022FP MITSUBISHI-M63022FP Datasheet
188Kb / 14P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Renesas Technology Corp
M63028 RENESAS-M63028 Datasheet
510Kb / 22P
Spindle Motor and 5ch Actuator Driver
M63010FP RENESAS-M63010FP Datasheet
6Mb / 17P
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63023FP RENESAS-M63023FP Datasheet
6Mb / 18P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Integrated Device Techn...
ZAMC4100 IDT-ZAMC4100 Datasheet
2Mb / 155P
Actuator and Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com