Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 77Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 78Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 79Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 80Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 81Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 82Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 83Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 84Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
81
January 26, 2016
Table 3.33 AINCONF Register Bits Description
Bit
Description
7
SPSWEN: Bit for connecting the internal 5.0V supply to the S_P pin.
1 = Pin S_P is connected to the internal supply.
0 = Pin S_P is connected to an external source.
6
SNSWEN: Bit for connecting the VSSA to pin S_N.
1 = Pin S_N is connected to VSSA.
0 = Pin S_N is connected to an external source.
5:4
AINxTMEN: Enable external temperature measurement at pins AIN3, AIN4.
1 = Pin AINx (x=3, 4) is configured for temperature measurement.
0 = Pin AINx (x=3, 4) is used as a general-purpose pin.
Note: When AINxTMEN = 1, the bits AINxMD are “don’t care.”
3:0
AINxMD: Analog inputs absolute or ratiometric configuration bit.
1 = Pin AINx (x=1 to 4) is configured for absolute measurement.
0 = Pin AINx (x=1 to 4) is configured for ratiometric measurement.
3.12.3. ADC Input MUX Control
The ADC input multiplexer is controlled via the INPSEL[4:0] bits in the ADCCTRL register (see Table 3.34). The
settings for combinations of INPSEL bits are described in Table 3.36 and illustrated in Figure 3.20Figure 3.21.
After setting the INPSEL for a corresponding channel, the ADC control circuitry automatically processes the
following operations:
1) It configures the analog circuitry to provide required reference voltage.
2) When the conversion is started, it runs the conversion algorithm depending on the type of selected input.
Bits SCNV and CCNV of register ADCCTRL are used for starting a single or continuous ADC conversion.
Supported ADC conversion modes and conversion enable bits are discussed in section 3.12.7.
Note: When an ADC conversion is running, the WRITE access for the INPSEL bits is blocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com