Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 83Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 84Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 85Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 86Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 87Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 88Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 89Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 90Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
87
January 26, 2016
Table 3.39 ADCSTAT Register Bits Mapping
Name
ADCSTAT
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
U
U
U
U
U
U
0
0
Access
U
U
U
U
U
U
R/Wc
R/Wc
Address
0x0D
R/Wc = Read/Write 1 to clear,
U = Unimplemented, read as ‘0’
Note: When the comparator is enabled (bit CMPEN = ‘1’), the ADCRDYIF flag bit is automatically
masked. As a result, the global ADC interrupt (see Figure 3.8) is not generated at the end of
each conversion cycle; it is generated only when a valid comparator event is detected.
Table 3.40 ADCSTAT Register Bits Description
Bit Description
7:2 Unimplemented bits. Read as 0.
1
ADCCMPIF: ADC comparator counter interrupt flag.
1 = Compare counter (CMP) matches the value programmed in reference RCMPCNT register (Table 3.50).
0 = There is no result matching detected by comparator counter.
0
ADCRDYIF: ADC ready interrupt flag.
1 = Current ADC conversion has finished and ADCRESx (Table 3.50) contains results ready to be read by
the MCU.
0 = ADC conversion has not finished and/or the result has not been read from the ADCRESX register.
Note: If CMPEN is set, this flag is masked; see Table 3.42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com