Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 17Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 18Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 19Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 20Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 21Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 22Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 23Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 24Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 26, 2016
Parameter
Symbol
Min.
Typ.
Max.
Unit
EC Driver
Transition time
5), 2)
tS_EC
4
5
10
µs
1)
The time between driver enable/disable and reaching 10% of the reaction at the output.
2)
Parameter guaranteed by process monitoring but not tested during production.
3)
Accumulative time for over-current event. After this period, the driver is automatically switched off (see sections 3.8.2 and 3.9.2).
4)
Between 10% and 90% of the output voltage swing.
5)
After DAC code switching from 0 to 31 for the range of 10% to 90% at the output reaction.
1.2.5.
Internal Reference Sources and Sensors
Table 1.11 Internal Die Temperature Sensor
Parameter
Symbol
Min.
Typ.
Max.
Unit
Voltage/Temperature Slope
1)
SVT
1.76
1.80
1.84
mV/°C
Output Voltage (at 27°C)
Vt27
0.52
0.54
0.56
V
1)
Parameter guaranteed by process monitoring but not tested during production.
Table 1.12 Internal Reference Sources
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference voltage
VREF
-
2.4
-
V
Reference voltage accuracy 1)
dVREF
-2
-
2
%
Reference current (at 27°C after trimming)
IREF
9.7
10
10.3
µA
Reference current temperature drift 1)
dIREF
-3
-
3
%
1)
Parameter guaranteed by process monitoring but not tested during production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com