Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 13Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 14Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 15Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 16Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 17Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 18Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 19Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 20Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
17
January 26, 2016
1.2.2.
Digital Interface (GPIOs)
Table 1.6
GPIO Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input low voltage
VIL
-0.3
-
0.8
V
Input high voltage
VIH
2
-
3.6
V
Schmitt Trigger Low to High Threshold Point
VT+
1.4
1.5
1.6
V
Schmitt Trigger High to Low Threshold Point
VT-
1.1
1.2
1.3
V
Input leakage current (at VI =3.3V or 0V)
II
-1
-
1
µA
Tri-state output leakage current (at VI =3.3V or 0V)
IOZ
-1
-
1
µA
Output low voltage
VOL
-
-
0.4
V
Output high voltage
VOH
2.4
-
-
V
Single GPIO source current
ISOURCE
-
-
5
mA
Single GPIO sink current
ISINK
-
-
5
mA
1.2.3.
LIN Physical Layer
Note: LIN parameters are specified for an ambient temperature range from -40°C to 125°C. Although the internal
over-temperature protection might be activated due to device self-heating, LIN communication and MCU
operation remain unaffected.
Table 1.7
LIN Electrical Parameters
Note: See important notes at end of table.
Parameter
Symbol
LIN Spec 2.2
Reference
Min
Typ.
Max
Unit
Current limitation for driver dominant state
IBUS_LIM
Parameter 12
40
-
200
mA
Input leakage current, dominant state, driver off
IBUS_PAS_dom
Parameter 13
-1
-
-
mA
Input leakage current, recessive state, driver off
IBUS_PAS_rec
Parameter 14
-
-
20
µA
Control unit disconnected from ground
1)
IBUS_NO_GND
Parameter 15
-1
-
1
mA
VBAT supply disconnected
IBUS_NO_BAT
Parameter 16
-
-
100
µA
Receiver dominant state (VSUP > 7V)
VBUSdom
Parameter 17
-
-
0.4
VSUP
Receiver recessive state (VSUP > 7V)
VBUSrec
Parameter 18
0.6
-
-
VSUP
Center of receiver threshold
VBUS_CNT
Parameter 19
0.475
0.5
0.525
VSUP
Receiver hysteresis voltage
VHYS
Parameter 20
-
-
0.175
VSUP
Voltage drop at serial diodes
2)
VSerDiode
Parameter 21
0.4
0.7
1
V
Battery shift
(2)
VSHIFT_BAT
Parameter 22
-
-
0.115
VBAT
Ground shift
2)
VBUS_GND
Parameter 23
-
-
0.115
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com