Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 73Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 74Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 75Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 76Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 77Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 78Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 79Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 80Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
77
January 26, 2016
Bit
Description
0
ECMOCIF
(2): Over-current interrupt flag of the ECM driver.
1 = Over-current event has been detected at the ECM output, and the driver has been disabled.
0 = There is no over-current at ECM output.
1)
To keep current consumption as low as possible, the MCU software should disable the current sources before enabling SLEEP or
STANDBY Modes.
2)
This bit is also mapped to IRQSTAT register.
Table 3.31 ECMOSF Diagnostic Bit Meaning
ECMCSHEN
ECMCSLEN
ECMOSF
1)
Description
0
0
x
Diagnostic disabled
1
1
x
Result not defined
1
0
0
Normal load or short to VSS
2)
0
1
0
1
0
1
Short to VDDE
0
1
1
1
0
1
Open load
0
1
0
1
0
0
Unused
0
1
1
1)
Important: The diagnostic result is correct only if the driver is disabled.
2)
In the event of a short to VSS, the output stage of the driver will be automatically disabled if the current exceeds the threshold specified in Table 1.9. If
the current is limited to levels below that threshold due to specifics of the EC mirror glass used, distinguishing between the two possible states, which
are “Normal load” or “Short to VSS,” can be done by an additional ADC channel and software procedure for measuring the potential at EC_M pin (for
more details, see section 3.11.1).
3.12. ZAMC4100 Analog to Digital Converter
The ZAMC4100 features a 10-bit successive approximation ADC with a front-end multiplexer for digitizing the
multi-channel inputs, including four external ports.
3.12.1. ADC Overview
The ZAMC4100 ADC block has the following key features:
•
SAR (successive approximation) conversion, 10-bit resolution, single or continuous conversion
•
High conversion speed (see Table 1.15)
•
Multi-channel front-end multiplexer with access to various input signals as shown in the Figure 3.20;
4 external channel ports with versatile options
•
Internal voltage and current references
•
Configurable result format
•
Result comparator with counter
•
Interrupt support for various type of events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com