Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 11Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 12Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 13Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 14Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 15Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 16Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 17Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 18Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
15
January 26, 2016
Table 1.3
ESD Protection
Test Method
Test Setup Standard
Guaranteed ESD/Latch-up
Robustness on IC Level
HBM (Human Body Model)
MIL 883C, Method 3015.7
or EIA/JESD22A114-A
± 2kV (all pins) with 100pF and 1.5kΩ
CDM (Charged Device Model)
AEC – Q100 – 011 Rev. B
± 500V (all pins)
System Level (Human Body Discharge)
IEC 61000-4-2
± 6kV for LIN
(1) and VBAT(2)
Latch-up
EIA/JESD78A
100mA@25˚C
(1) External circuitry is required for meeting the system-level ESD specification for the LIN interface.
(2) VBAT is the common supply terminal on the application PCB where all ZAMC4100 supply pins are connected.
1.2.
Electrical Parameters
Note: Parameters are specified for junction temperature range -40°C to 125°C unless otherwise stated.
1.2.1.
Supply and Supply Monitoring
Table 1.4
Supply Voltages and Currents
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage Range (voltage drop in external circuitry not included)
Nominal operating voltage
VSUP
6
-
18
V
LIN operating voltage
VSUP_LIN
7
-
18
V
Supply Current Range
NORMAL Mode
IRUN
-
14
-
mA
STANDBY Mode
ISTBY
-
10
-
mA
SLEEP Mode (measured at TJ=27°C; VSUP=13V through all VSS pins)
ISLEEP
-
-
80
µA
Switchable Analog Supply Voltage (to S_P pin)
Voltage range (S_P pin unloaded)
VSP
4.5
5
5.5
V
Voltage range (S_P pin loaded with 5mA)
VSP_5mA
3.8
4.5
5.2
V
Nominal output current
ISP
0
-
5
mA
Current limitation in case of short to GND
ISP_OC
6
-
9
mA
GPIO Supply Voltage
Voltage range
VGPIO
2.97
3.3
3.63
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com