Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 21Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 22Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 23Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 24Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 25Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 26Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 27Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 28Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
25
January 26, 2016
1.3.4.
System Power-up Timing
Refer to Figure 1.3 and Table 1.17 for the definitions of the power-up and reset timing parameters.
Table 1.17 System Power-up and Reset Timing Parameters
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power-on-reset (POR) hold time
tHDPOR
10
-
80
µs
Power-up timer delay
tPWRT
0.32
0.78
1.24
ms
MCU supply check time
1)
tMSC
1.1
1.66
2.5
ms
Charge pump voltage settling time
2)
tCP_STL
-
-
2
ms
MCU reset pulse duration generated by the watchdog
timer (WDT)
3)
tMCU_RST
-
8
-
µs
System reset pulse duration generated by WDT
tSYS_RST
0.4
0.95
1.5
ms
1)
Time window in which the valid flags for both MCU supplies are expected. For more information, refer to section 3.1.
2)
The charge pump is considered as settled when the ZAMC4100 supply voltage is in the nominal operating range specified by parameter VSUP (see
Table 1.4).
3)
Parameters calculated for the typical value of OSCL frequency.
Figure 1.3 ZAMC4100 System Power-Up Sequence
porb
PORHYST
Vfall
Vrise
rstn
VDDE
TYP
tPWRT
t
t
t
tHDPOR
tHDPOR
Analog
Circuitry
SETTLING
STABLE
STABLE
SETTLING
UNSUP
tPWRT
t
Charge
Pump
SUPLIED
SETTLING
STABLE
UNSUP
t
SUPPLIED
SETTLING
STABLE
tCP_STL
PORTH
tCP_STL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com