Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 101 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 101 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 97Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 98Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 99Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 100Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 101Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 102Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 103Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 104Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 105Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 209 page
background image
Datasheet
101
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
26.2
Device-level specifications
Table 26-2
Recommended operating conditions
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/conditions
Recommended operating conditions
SID40
VDDD, VDDA_ADC,
VDDIO_GPIO,
VDDIO_SMC,
Power supply voltage[62]
2.7[63]
–5.5[64]
V
VDDIO_GPIO
(VDDIO_GPIO_0/1/2)
SID40A
VDDIO_EFP
Power supply voltage for eFuse
programming[65]
3.0
–
5.5
V
VDDIO_GPIO_0 for this
product, when
programming eFuses
SID40B
VDDIO_HSIO
Power supply voltage
3.0
3.3
3.6
V
SID40D
VDDIO_SMIF
Power supply voltage (VDDIO_SMIF).
Supply for 1.8 V I/Os.
1.7
1.8
1.95
V
Disable the IO cell input
buffer before shutting off
any of the IO supply
voltages (VDDIO_SMIF or
VDDIO_SMIF_HV).
SID40DA
VDDIO_SMIF_HV
Power supply voltage (VDDIO_SMIF_HV).HV
supply for pre-drivers of HSIO_ENH I/Os.
3.0
3.3
3.6
V
SID40E
VDDPLL_FPD0[68, 69]
Power supply voltage (VDDPLL_FPD0).
Supply for FPD-link PLLs.
1.09
1.15
1.21
V
SID40F
VDDHA_FPD0
Power supply voltage (VDDHA_FPD0).
Supply for FPD-link line drivers.
3.0
3.3
3.6
V
SID40G
VDDA_FPD0[68, 69]
Power supply voltage (VDDA_FPD0).
Core-supply for FPD-link.
1.09
1.15
1.21
V
SID40E_1
VDDPLL_FPD1[68, 69]
Power supply voltage (VDDPLL_FPD1).
Supply for FPD-link PLLs.
1.09
1.15
1.21
V
SID40F_1
VDDHA_FPD1
Power supply voltage (VDDHA_FPD1).
Supply for FPD-link line drivers.
3.0
3.3
3.6
V
SID40G_1
VDDA_FPD1[68, 69]
Power supply voltage (VDDA_FPD1).
Core-supply for FPD-link.
1.09
1.15
1.21
V
SID40H
VDDA_MIPI[68]
Power supply voltage (VDDA_MIPI). Supply
for MIPI D-PHY.
1.09
1.15
1.21
V
SID40J
VCCD[68]
External VCCD power supply
1.09
1.15
1.21
V
External VCCD power supply
range when externally
supplied at VCCD. VCCDmust
not be driven by an external
supply at startup. See
related application note for
correct startup sequence.
SID41
CS1
Smoothing capacitor[66, 67]
30.8
94
103.4
µF
SID43
VDDA_DAC
High voltage supply
3.0
3.3
3.6
V
Notes
62.Ensure VDDIO_GPIO_2 ≥ 0.8 × VDDA_ADC when SARMUX0 is enabled.
63.3.0 V ±10% is supported with a lower BOD setting option. This setting provides robust protection for internal timing but BOD reset occurs at
a voltage below the specified operating conditions. A higher BOD setting option is available (consistent with down to 3.0 V) and guarantees
that all operating conditions are met.
64.5.0 V ±10% is supported with a higher OVD setting option. This setting provides robust protection for internal and interface timing, but OVD
reset occurs at a voltage above the specified operating conditions. A lower OVD setting option is available (consistent with up to 5.0 V) and
guarantees that all operating conditions are met. Voltage overshoot to a higher OVD setting range for VDDD and VDDA_ADC is permissible,
provided the duration is less than 2 hours cumulated. Note that during overshoot voltage condition electrical parameters are not guaranteed.
65.eFuse programming must be executed with the part in a “quiet” state, with minimal activity (preferably only JTAG or a single LIN/CAN channel
on VDDIO_GPIO domain).
66.Only one smoothing capacitor, CS1 is required per chip (not per VCCD pin). The VCCD pins should be connected together to ensure a
low-impedance connection (see the recommendation in Figure 26-2).
67.Capacitors used for power supply decoupling or filtering are operated under a continuous DC-bias. Many capacitors used with DC power
across them provide less than their target capacitance, and their capacitance is not constant across their working voltage range. When
selecting capacitors for use with this device, ensure that the selected components provide the required capacitance under the specific
operating conditions of temperature and voltage used in your design. While the temperature coefficient is normally found within a parts
catalog (such as, X7R, C0G, Y5V), the matching voltage coefficient may only be available on the component datasheet or direct from the
manufacturer. Use of components that do not provide the required capacitance under the actual operating conditions may cause the device
to operate to less than datasheet specifications.
68.Analog and digital supply rails to be shorted on the PCB (VDDPLL_FPD0 = VDDPLL_FPD1 = VDDA_FPD0 = VDDA_FPD1 = VDDA_MIPI = VCCD). These supply
rails must be connected to the same power supply of VCCD. This supply voltage needs to be filtered in order to eliminate any PLL jitters. It is
recommended to use a noise filter to reduce the noise ripple for the FPD-LINK and MIPI-PHY supply.
69.After XRES_L release, internal LDO will be ON, and VCCD = VDDPLL_FPD = VDDA_FPD = 1.15 V, only then hand over to external PMIC is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com