Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 104 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 104 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 100Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 101Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 102Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 103Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 104Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 105Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 106Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 107Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 108Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 209 page
background image
Datasheet
104
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID50A
IDD1
VDDDcurrentininternalregulator
mode. Cortex®-M7/M0+ CPUs in
Sleep mode
–28
70
mA Clocks running at max
frequency, All CPUs in Sleep
mode.
VIDEOSS power switched off
All other peripherals,
peripheralclocks,interrupts,
CSV, DMA, ECO are disabled.
No IO toggling.
Typ: TA = 25°C, VDDD = 5.0 V,
process typ (TT)
Max: TA = 85°C, VDDD = 5.5 V,
process worst (FF)
SID50C
IDD1
VDDDcurrentininternalregulator
mode. Cortex®-M7/M0+ CPUs in
Sleep mode (room temp)
––
40
mA Clocks running at max
frequency, All CPUs in Sleep
mode.
VIDEOSS power switched off
All peripherals, peripheral
clocks, interrupts, CSV, DMA,
ECO are disabled. No IO
toggling.
Max: TA = 25°C, VDDD = 5.5 V,
process worst (FF)
SID50B
ICC1
VCCD current in external PMIC
mode
Cortex®-M7/M0+ CPUs in Sleep
mode
VIDEOSS in sleep mode (clocks
off)
–
30
500
mA Clocks running at max
frequency, All CPUs in Sleep
mode.
VIDEOSS in sleep mode
All other peripherals,
peripheralclocks,interrupts,
CSV, DMA, ECO are disabled.
No IO toggling.
Typ: TA = 25°C,
VCCD = 1.15 V,
process typ (TT)
Max: TA = 105°C,
VCCD = 1.21 V,
process worst (FF)
DeepSleep Mode
SID59
IDD_DS32A
VDDDcurrentininternalregulator
mode.
32 KB SRAM retention, LPECO
(4 MHz) operation in DeepSleep
mode.
–150
–
µA
Deep Sleep Mode (RTC and
EVTGEN operating, all other
peripherals off, CAN MRAM
disabled),
CM0+ and CM7_0 retain,
CM7_1 power switched OFF
Typ: TA = 25°C, VDDD = 5.0 V,
VCCD = 1.1 V, process typ (TT)
FPD-Link/MIPI Standby
currents not included
Table 26-3
DC specifications, CPU current, and transition time specifications (continued)
All specifications are valid for –40°C  TA  105°C and for 2.7 V to 5.5 V except where noted.
Spec ID
Parameter
Description
Min
Typ Max Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com