Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 107 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 107 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 103Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 104Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 105Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 106Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 107Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 108Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 109Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 110Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 111Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 209 page
background image
Datasheet
107
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID68C
tHIB_ACT
Release time from HV reset (POR,
BOD, OVD, OCD, WDT, Hibernate
wakeup, or XRES_L) until CM0+
begins executing ROM boot
–
–
650
µs
Without boot runtime
with max. 103.4 µF
smoothing capacitor per
SID41, no FPD/MIPI filter
connected
Guaranteed by Design
SID68D
tHIB_ACT
Release time from HV reset (POR,
BOD, OVD, OCD, WDT, Hibernate
wakeup, or XRES_L) until CM0+
begins executing ROM boot
–
–
1040
µs
Without boot runtime
with max. 103.4 µF
smoothing capacitor per
SID41 + max. 5x11 µF
FPD/MIPI filter caps
Guaranteed by Design
SID68A
tLVR_ACT
Release time from LV reset
(Fault, Internal system reset,
MCWDT, or CSV) during
Active/Sleep until CM0+ begins
executing ROM boot
8–
10
µs
Without boot runtime.
Guaranteed by design
SID68B
tLVR_DS
Release time from LV reset
(Fault, or MCWDT) during
DeepSleep until CM0+ begins
executing ROM boot
––
15
µs
Without boot runtime.
Guaranteed by design
SID79
tHIBWAKE-
UP_PW
Pulse width for wakeup from
Hibernate mode on
HIBERANTE_WAKEUP pins
90
–
–
ns
Guaranteed by design
SID80A
tRB_N
ROM boot startup time or
wakeup time from hibernate in
NORMAL protection state
–
–
1700
µs
FAST_BOOT = 1,
CM0+ clocked at 100 MHz
SID80B
tRB_S
ROM boot startup time or
wakeup time from hibernate in
SECURE protection state
–
–
2300
µs
FAST_BOOT = 1,
CM0+ clocked at 100 MHz
SID81A
tFB
Flash boot startup time or
wakeup time from hibernate in
NORMAL/SECURE protection
state
–
–
190
µs
FAST_BOOT = 1,
TOC2_FLAGS = 0x2CF,
CM0+ clocked at 100 MHz,
Listen window = 0 ms
SID81B
tFB_A
Flash boot with app
authentication time in
NORMAL/SECURE protection
state
–
–
5000
µs
FAST_BOOT = 1,
TOC2_FLAGS = 0x24F, CM0+
clocked at 100 MHz, Listen
window = 0 ms, Public key
exponent e = 0x010001, APP
size is 64 KB with the last 256
bytes being a digital
signature in
RSASSA-PKCS1-v1.5
Valid for RSA2K.
SID81C
tFB_B
Flash boot with app
authentication time in
NORMAL/SECURE protection
state
–
–
8150
µs
FAST_BOOT = 1,
TOC2_FLAGS = 0x24F, CM0+
clocked at 100 MHz, Listen
window = 0 ms, Public key
exponent e = 0x010001, APP
size is 64 KB with the last 384
bytes being a digital
signature in
RSASSA-PKCS1-v1.5
Valid for RSA3K.
Regulator specifications
SID600
VCCD
Internal regulator core supply
voltage (transient range)
1.05
1.1
1.15
V
Table 26-3
DC specifications, CPU current, and transition time specifications (continued)
All specifications are valid for –40°C  TA  105°C and for 2.7 V to 5.5 V except where noted.
Spec ID
Parameter
Description
Min
Typ Max Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com