Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 106 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 106 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 102Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 103Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 104Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 105Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 106Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 107Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 108Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 109Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 110Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 209 page
background image
Datasheet
106
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID66B
IDD_HIB3
VDDD current,
Hibernate Mode + RTC at
32.768 kHz
––
75
µA
TA = 85°C, using WCO,
VDDD = 5.5 V
SID66C
IDD_HIB4
VDDD current,
Hibernate Mode + RTC at
32.768 kHz
–
–
150
µA
TA = 25°C using LPECO
4 MHz, 20 pF load of LPECO
VDDD = 5.0 V
SID66D
IDD_HIB5
VDDD current,
Hibernate Mode + RTC at
32.768 kHz
–
–
215
µA
TA = 85°C, using LPECO
4 MHz, 20 pF load of LPECO
VDDD = 5.5 V
Power Mode Transition Times
SID69_1
tACT_DS
Power down time from ACTIVE to
DEEPSLEEP (using the internal
regulator)
––
2.8
µs
When IMO is already running
and all HFCLK roots are at
least 8 MHz. HFCLK roots
that are slower than this will
require additional time to
turn off.
SID69A
tACT_DS
Power down time from ACTIVE to
DeepSleep (using external PMIC)
––
6.5
µs
When IMO is already running
and all HFCLK roots are at
least 8MHz.HFCLK rootsthat
are slower than this will
require additional time to
turn off. The time for the
PMIC to deassert its power
good signal is not included.
SID67
tDS_ACT
DeepSleep to Active transition
time (IMO clock, flash execution)
––
26
µs
When using 8 MHz IMO.
Measured from wakeup
interrupt during DeepSleep
until Flash execution.
TA ≥ –5°C
Note: At temperatures below
–5°C the DeepSleep to Active
transition time can be higher
than the max time indicated by
as much as 20 µs
SID67A
tDS_ACT_FLL DeepSleep to Active transition
time (FLL clock, flash execution)
––
26
µs
When using FLL to generate
96 MHz from the 8-MHz IMO.
Measured from wakeup
interrupt during DeepSleep
until Flash execution.
TA ≥ –5°C
Note: At temperatures below
–5°C the DeepSleep to Active
transition time can be higher
than the max time indicated by
as much as 20 µs
SID67B
tDS_ACT_PLL DeepSleep to Active transition
time (PLL clock)
––
60
µs
When using PLL to generate
96 MHz from the 8-MHz IMO.
Measured from wakeup
interrupt during DeepSleep
until PLL locks.
TA ≥ –5°C
Note: At temperatures below
–5°C the DeepSleep to Active
transition time can be higher
than the max time indicated by
as much as 20 µs
Table 26-3
DC specifications, CPU current, and transition time specifications (continued)
All specifications are valid for –40°C  TA  105°C and for 2.7 V to 5.5 V except where noted.
Spec ID
Parameter
Description
Min
Typ Max Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com