Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 103 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 103 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 99Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 100Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 101Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 102Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 103Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 104Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 105Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 106Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 107Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 209 page
background image
Datasheet
103
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Table 26-3
DC specifications, CPU current, and transition time specifications
All specifications are valid for –40°C  TA  105°C and for 2.7 V to 5.5 V except where noted.
Spec ID
Parameter
Description
Min
Typ Max Units
Details/conditions
Execute with Flash
SID51B
ICC1
VCCD current in external PMIC
mode
–
700 1120
mA Typ: TA = 25°C, VCCD = 1.15 V,
process typ (TT)
Max: TA = 105°C, TJ = 150°C,
VCCD = 1.21 V,
process worst (FF)
(Maximum expected VCCD
when TJ = 150°C is reached
due to self-heating)
SID52B
IDD1
VDDD current in external PMIC
mode, Use case with VIDEOSS
(VDDD current for SID51B use
case)
–7
10
mA Both Cortex®-M7 at 320 MHz
generated by PLL with ECO
reference, executing
Dhrystone from flash with
cache enabled. Cortex®-M0+
is sleeping at 100 MHz.
Graphics Engine at 250 MHz,
operating 2D rendering,
drawing, capture, output on
2 displays. All other
peripherals, peripheral
clocks, interrupts, CSV, DMA,
ECO are enabled. No IO
toggling.
Typ: TA = 25°C,
VDDD = 5.0 V, VCCD = 1.15 V,
process typ (TT)
Max: TA = 105°C,
VDDD = 5.5 V, VCCD = 1.21 V,
process worst (FF)
SID56
IDD1
VDDDcurrentininternalregulator
mode, Execute from flash;
Cortex®-M7 CPU in Active mode
–8
38
mA Cortex®-M7_0 at 8 MHz
generated by IMO reference,
executing Dhrystone from
flash with cache enabled.
Cortex®-M0+ is sleeping at 8
MHz. CM7_1 is powered off.
All clocks at 8 MHz generated
by IMO.
VIDEOSS power switched off
All other peripherals,
peripheralclocks,interrupts,
CSV, DMA, PLL, ECO are
disabled. No IO toggling.
Typ: TA = 25°C, VDDD = 5.0 V,
process typ (TT)
Max: TA = 85°C, VDDD = 5.5 V,
process worst (FF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com