Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 108 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 108 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 104Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 105Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 106Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 107Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 108Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 109Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 110Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 111Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 112Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 209 page
background image
Datasheet
108
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID600A
VCCD_S
Internal regulator core supply
voltage (static range, no load)
1.075
1.1 1.125
V
Guaranteed by design
SID601
IDDD_ACT
Regulator operating current in
Active/Sleep mode
–
900 1500
µA
Guaranteed by design
SID602
IDDD_DPSLP Regulator operating current in
DeepSleep mode
–1.5
20
µA
Guaranteed by design
SID603
IRUSH
In-rush current
–
–
850
mA
SID604
IILDOUT
Internal regulator output current
for operation
–
–
300
mA
SID606
VIL
PMIC digital input LOW voltage
(%VDDD)
0.3 × VDDD ––
V
SID606A
VIH
PMIC digital input HIGH voltage
(%VDDD)
–
–
0.7 ×
VDDD
V
SID606B
VHYST
PMIC digital input hysteresis
(%VDDD)
0.05 ×
VDDD
––
V
SID607
VOL
PMIC digital output LOW voltage
–
–
0.5
V
IOL = 1 mA
SID607A
VOH
PMIC digital output HIGH voltage VDDD – 0.5 –
–
V
IOH = –1 mA
Table 26-3
DC specifications, CPU current, and transition time specifications (continued)
All specifications are valid for –40°C  TA  105°C and for 2.7 V to 5.5 V except where noted.
Spec ID
Parameter
Description
Min
Typ Max Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com