Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 114 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 114 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 110Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 111Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 112Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 113Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 114Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 115Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 116Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 117Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 118Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 209 page
background image
Datasheet
114
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID676A tR_F_SMC_SL
OW
Rise time or fall time
(10% to 90% of
V
DDIO_SMC)
15
–
80
ns 30 mA drive strength
No load,
CFG_OUT/DRIVE_SEL<1:0> =
0b00,
CFG_OUT/SLOW<0:0> = 0b1
SID676B tR_F_SMC_SL
OW
Rise time or fall time
(10% to 90% of
V
DDIO_SMC)
25
–
100
ns 30 mA drive strength
85-pF load,
CFG_OUT/DRIVE_SEL<1:0> =
0b00, CFG_OUT/SLOW<0:0> = 0b1
SID676C tR_F_SMC_SL
OW
Rise time or fall time
(10% to 90% of
V
DDIO_SMC)
100
–
200
ns 30 mA drive strength
2.7-nF load,
CFG_OUT/DRIVE_SEL<1:0> =
0b00, CFG_OUT/SLOW<0:0> = 0b1
GPIO_ENH Specifications
SID650C VOL1
Output voltage LOW
level
––
0.6
V
IOL = 6 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b0X
VDDIO_GPIO ≥ 4.5 V
SID650D VOL1
Output voltage LOW
level
––
0.4
V
IOL = 5 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b0X
VDDIO_GPIO ≥ 4.5 V
SID651C VOL1
Output voltage LOW
level
––
0.4
V
IOL = 2 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b0X
2.7 V £ VDDIO_GPIO < 4.5 V
SID652C VOL3
Output voltage LOW
level
––
0.4
V
IOL = 2 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b10
VDDIO_GPIO ≥ 4.5 V
SID652F VOL3
Output voltage LOW
level
––
0.4
V
IOL = 1 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b10
2.7 V £ VDDIO_GPIO < 4.5 V
SID653F VOL4
Output voltage LOW
level
––
0.4
V
IOL = 1 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b11
VDDIO_GPIO ≥ 4.5 V
SID653G VOL4
Output voltage LOW
level
––
0.4
V
IOL = 0.5 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b11
2.7 V  VDDIO_GPIO < 4.5 V
SID654C VOH1
Output voltage HIGH
level
V
DDIO_GPIO – 0.5
–
–
V
IOH = –5 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b0X
VDDIO_GPIO ≥ 4.5 V
SID654G VOH1
Output voltage HIGH
level
V
DDIO_GPIO – 0.5
–
–
V
IOH = –2 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b0X
2.7 V  VDDIO_GPIO < 4.5 V
SID655C VOH3
Output voltage HIGH
level
V
DDIO_GPIO – 0.5
–
–
V
IOH = –2 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b10
VDDIO_GPIO ≥ 4.5 V
SID656C VOH3
Output voltage HIGH
level
V
DDIO_GPIO – 0.5
–
–
V
IOH = –1 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b10
2.7 V  VDDIO_GPIO < 4.5 V
SID657G VOH4
Output voltage HIGH
level
V
DDIO_GPIO – 0.5
–
–
V
IOH = –1 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b11
VDDIO_GPIO ≥ 4.5 V
SID657H VOH4
Output voltage HIGH
level
V
DDIO_GPIO – 0.5
–
–
V
IOH = –0.5 mA
CFG_OUT/DRIVE_SEL<1:0> =
0b11
2.7 V  VDDIO_GPIO < 4.5 V
SID658C RPD
Pull-down resistance
25
50
100
kΩ
SID659C RPU
Pull-up resistance
25
50
100
kΩ
Table 26-5
I/O specifications (continued)
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com