Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 117 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 117 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 113Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 114Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 115Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 116Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 117Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 118Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 119Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 120Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 121Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 209 page
background image
Datasheet
117
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID674B VHYST_CMOS Hysteresis in CMOS
mode
0.05 ×
VDDIO_HSIO
––
V
CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0
CFG_IN/VTRIP_SEL<0:0> = 0b0
SID675B CIN
Input pin
capacitance
––
5
pF Test condition: 10/100MHz
SID676D IIL12
Input leakage current
–1
–
1
µA VDDIO_HSIO = 3.6 V,
VSS < VI < VDDIO_HSIO
–40 °C  TA  105 °C
HSIO_STDLN specifications (3 V I/Os)
SID650E VOL0
Output LOW voltage
level
––
0.4
V
IOL = 10 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b000
SID651F VOL0
Output LOW voltage
level
––
0.2
V
IOL = 0.1 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b000
SID654I VOL1
Output LOW voltage
level
––
0.4
V
IOL = 10 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b001
3.0 V  VDDIO_HSIO  3.6 V
SID655G VOL2
Output LOW voltage
level
––
0.4
V
IOL = 2 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b010
3.0 V  VDDIO_HSIO  3.6 V
SID656G VOL3
Output LOW voltage
level
––
0.4
V
IOL = 1 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b011
3.0 V  VDDIO_HSIO 3.6 V
SID656H VOL4
Output LOW voltage
level
––
0.4
V
IOL = 0.5 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b100
3.0 V  VDDIO_HSIO 3.6 V
SID657J VOH0
Output HIGH voltage
level
VDDIO_HSIO–
0.4
––
V
IOH = –10 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b000
SID658D VOH0
Output HIGH voltage
level
VDDIO_HSIO–
0.2
––
V
IOH = –0.1 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b000
SID661F VOH1
Output HIGH voltage
level
VDDIO_HSIO–
0.4
––
V
IOH = –10 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b001
3.0 V  VDDIO_HSIO  3.6 V
SID662F VOH2
Output HIGH voltage
level
VDDIO_HSIO–
0.4
––
V
IOH = –2 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b010
3.0 V  VDDIO_HSIO  3.6 V
SID663E VOH3
Output HIGH voltage
level
VDDIO_HSIO–
0.4
––
V
IOH = –1 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b011
3.0 V  VDDIO_HSIO  3.6 V
SID663F VOH4
Output HIGH voltage
level
VDDIO_HSIO–
0.4
––
V
IOH = –0.5 mA
CFG_DRIVE_EXT<1:0>/DRIVE_SEL
_EXT<2:0> = 0b100
3.0 V  VDDIO_HSIO  3.6 V
SID664D RPD
Pull-down resistance
25
50
100
kΩ
SID665F RPU
Pull-up resistance
25
50
100
kΩ
SID665H VIH3
Input Voltage HIGH
threshold
1.7
–
–
V
CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b1
CFG_IN/VTRIP_SEL<0:0> = 0b1
SID667G VIH0
Input Voltage HIGH
threshold
0.7 ×
VDDIO_HSIO
––
V
CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0
CFG_IN/VTRIP_SEL<0:0> = 0b0
Table 26-5
I/O specifications (continued)
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com