Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 121 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 121 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 117Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 118Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 119Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 120Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 121Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 122Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 123Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 124Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 125Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 209 page
background image
Datasheet
121
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
26.5
Analog peripherals
26.5.1
SAR ADC
Figure 26-4
ADC characteristics and error descriptions
Table 26-6
12-bit SAR ADC DC specifications
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions
SID100 A_RES
SAR ADC resolution
–
–
12
bits
SID101 VA_INV
Input voltage range
VREFL
–VREFH
V
SID102 VREFH
SAR ADC HIGH reference
voltage range
2.7
–
VDDA_ADC
V
ADC performance
degrades when high
reference is higher than
supply
SID103 VREFL
SAR ADC LOW reference
voltage range
VSSA_ADC
–VSSA_ADC
V
ADC performance
degrades when low
reference is lower than
ground
SID103A VBAND_GAP Internal band gap
reference voltage
0.882
0.9
0.918
V
0xFFF
0xFFE
0xFFD
0x001
0x002
0x003
Analog input
VREFL
VREFH
Actual conversion
characteristics
Actual conversion
characteristics
Ideal
characteristics
0.5 LSb
1.5 LSb
VNT
1 LSb (N - 1) + 0.5 LSb
Total error of digital output N = ( VNT {1 LSb × (N – 1) + 0.5 LSb} ) / 1 LSb
[LSb]
1 LSb (Ideal value) = (VREFH – VREFL) / 4096
[V]
N: A/D converter digital output value
VZT (Ideal value): VREFL + 0.5 LSb [V]
VFST (Ideal value): VREFH – 1.5 LSb [V]
VNT: Voltage at which the digital output changes from N – 1 to N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com