Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 123 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 123 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 119Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 120Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 121Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 122Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 123Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 124Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 125Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 126Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 127Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 209 page
background image
Datasheet
123
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Table 26-7
SAR ADC AC specifications
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions
SID104 VZT
Zero transition voltage
–20
–
20
mV VDDA_ADC = 2.7 V to 5.5 V,
–40 °C ≤ TA ≤ 105 °C
before offset adjustment
SID105 VFST
Full-scale transition
voltage
–20
–
20
mV VDDA_ADC = 2.7 V to 5.5 V,
–40 °C ≤ TA ≤ 105 °C
before offset adjustment
SID114 fADC
ADC operating frequency
2
–
26.67
MHz
SID113 tS_4P5
Analog input sample
time
(4.5 V ≤ VDDA_ADC) for
channels of SARMUX0
412
–
–
ns SARMUX0 inputs are
direct into the ADC
Guaranteed by design
SID113A tS_2P7
Analog input sample
time
(2.7 V ≤ VDDA_ADC) for
channels of SARMUX0
824
–
–
ns SARMUX0 inputs are
direct into the ADC
Guaranteed by design
SID113B tS_DR_4P5
Analog input sample
time when input is from
diagnostic reference (4.5
V ≤ VDDA_ADC)
2–
–
µs Guaranteed by design
SID113C tS_DR_2P7
Analog input sample
time when input is from
diagnostic reference (2.7
V ≤ VDDA_ADC)
2.5
–
–
µs Guaranteed by design
SID113D tS_TS
Analog input sample
time for temperature
sensor
7–
–
µs Guaranteed by design
SID106 tST1
Max throughput (sample
per second) for channels
of SARMUX0
––
1
Msps 4.5 V ≤ VDDA_ADC ≤ 5.5 V,
80 MHz / 3 = 26.67 MHz,
11 sampling cycles,
15 conversion cycles
SID106A tST2
Max throughput (sample
per second) for channels
of SARMUX0
––
0.5
Msps 2.7 V ≤ VDDA_ADC < 4.5 V,
80 MHz / 6 = 13.3 MHz,
11 sampling cycles,
15 conversion cycles
SID107 CVIN
ADC input sampling
capacitance
––
4.8
pF Guaranteed by design
SID108 RVIN1
Input path ON resistance
(4.5 V to 5.5 V)
––
9.4
kΩ Guaranteed by design
SID108A RVIN2
Input path ON resistance
(2.7 V to 4.5 V)
–
–
13.9
kΩ Guaranteed by design
SID108B RDREF1
Diagnostic path ON
resistance (4.5 V to 5.5 V)
––
40
kΩ Guaranteed by design
SID108C RDREF2
Diagnostic path ON
resistance (2.7 V to 4.5 V)
––
50
kΩ Guaranteed by design
SID119 ACC_RLAD Diagnostic reference
resistor ladder accuracy
–4
–
4
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com