Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 126 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 126 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 122Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 123Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 124Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 125Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 126Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 127Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 128Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 129Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 130Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 209 page
background image
Datasheet
126
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
26.6
AC specifications
Unless otherwise noted, the timings are defined with the guidelines mentioned in the Figure 26-7.
Figure 26-7
AC timings specifications
26.7
Digital peripherals
Table 26-9
Timer/counter/PWM (TCPWM) Specifications
Spec ID Parameter
Description
Min
Typ
Max Units
Details/conditions
SID120 fC
TCPWM operating
frequency
–
–
100
MHz fC = peripheral clock
SID121 tPWMENEXT Input trigger pulse width
for all trigger events
2 / fC
–
–ns Trigger Events can be Stop,
Start, Reload, Count,
Capture, or Kill depending on
which mode of operation is
selected.
SID122 tPWMEXT
Output trigger pulse
widths
2 / fC
–
–ns Minimum possible width of
Overflow, Underflow, and CC
(Counter equals Compare
value) trigger outputs
SID123 tCRES
Resolution of counter
1 / fC
–
–ns Minimum time between
successive counts
SID124 tPWMRES
PWM resolution
1 / fC
–
–ns MinimumpulsewidthofPWM
output
SID125 tQRES
Quadrature inputs
resolution
2 / fC
–
–ns Minimum pulse width
between Quadrature phase
inputs.
tF
VDDD or VDDIO_GPIO_X
VSS
Definition of rise / fall times
tR
80 %
20 %
20 %
80 %
0.5 x VDDD or VDDIO_GPIO_X
Timing Reference Points
Time Reference Point Definition
VDDD or VDDIO_GPIO_X
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com