Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 130 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 130 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 126Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 127Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 128Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 129Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 130Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 131Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 132Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 133Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 134Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 209 page
background image
Datasheet
130
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID195
tVSS
SPI Master: MOSI valid after
SSEL falling edge (CPHA=0)
–
–
12
ns
SPI Master (Full-clock
mode:LATE_MISO_SAMPLE
= 1) – 12.5 Mbps
for instances on GPIO_STD,
GPIO_ENH, GPIO_SMC
SID196
tDHI
SPI Master: MISO hold time
after SCLK capturing edge
0
–
–ns
SPI Master (Full-clock
mode:LATE_MISO_SAMPLE
= 1) – 12.5 Mbps
for instances on GPIO_STD,
GPIO_ENH, GPIO_SMC
SID198
tEN_SETUP
SSEL valid, before the first
SCLK
capturing edge
0.5 ×
(1/fSPI)
–
–ns
Min is half clock period
SID199
tEN_SHOLD
SSEL hold, after the last SCLK
capturing edge
0.5 ×
(1/fSPI)
–
–ns
Min is half clock period
SID197
CSPIM_MS
SPI Capacitive Load
–
–
20
pF
SPI Interface Master (Full-clock mode: LATE_MISO_SAMPLE = 1, HSIO)
SID190A fSPI
SPI operating frequency
–
–20
MHz Donotusehalf-clockmode:
LATE_MISO_SAMPLE = 0
SPI Master (Full-clock
mode:LATE_MISO_SAMPLE
= 1) - 20 Mbps
For 20 Mbps, SCB operating
frequency (fSCB) must be
configured to 80 MHz.
for instances on HSIO_STD
SID191A tDMO
SPI Master: MOSI valid after
SCLK driving edge
–
–9
ns
SPI Master (Full-clock
mode:LATE_MISO_SAMPLE
= 1) – 20 Mbps
For 20 Mbps, SCB operating
frequency (fSCB) must be
configured to 80 MHz
for instances on HSIO_STD
SID192A tDSI
SPI Master: MISO valid
before SCLK capturing edge
25
–
–ns
SPI Master (Full-clock
mode:LATE_MISO_SAMPLE
= 1) – 20 Mbps
For 20 Mbps, SCB operating
frequency (fSCB) must be
configured to 80 MHz
for instances on HSIO_STD
SID193A tHMO
SPI Master: Previous MOSI
data hold time
0
–
–ns
SPI Master (Full-clock
mode:LATE_MISO_SAMPLE
= 1) – 20 Mbps
For 20 Mbps, SCB operating
frequency (fSCB) must be
configured to 80 MHz
for instances on HSIO_STD
SID194A tW_SCLK_H_L SPI SCLK pulse width HIGH
or LOW
0.4 ×
(1/fSPI)
0.5 ×
(1/fSPI)
0.6 ×
(1/fSPI)
ns
SPI Master (Full-clock
mode:LATE_MISO_SAMPLE
= 1) – 20 Mbps
For 20 Mbps, SCB operating
frequency (fSCB) must be
configured to 80 MHz
for instances on HSIO_STD
SID195A tVSS
SPI Master: MOSI valid after
SSEL falling edge (CPHA=0)
–
–
12
ns
SPI Master (Full-clock
mode:LATE_MISO_SAMPLE
= 1) – 20 Mbps
For 20 Mbps, SCB operating
frequency (fSCB) must be
configured to 80 MHz
for instances on HSIO_STD
Table 26-10
Serial Communication Block (SCB) specifications (continued)
Spec ID Parameter
Description
Min
Typ
Max Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com