Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 128 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 128 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 124Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 125Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 126Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 127Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 128Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 129Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 130Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 131Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 132Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 209 page
background image
Datasheet
128
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
I2C Interface-Fast-mode
Recommended I/O Configuration:
GPIO_STD: CFG_OUT/DRIVE_SEL<1:0> = 0b10, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0, CFG/DRIVE_MODE<2:0> = 0b100
GPIO_ENH: CFG_OUT/DRIVE_SEL<1:0> = 0b00, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0, CFG/DRIVE_MODE<2:0> = 0b100, CFG_OUT/SLOW<0:0>
= 0b1
GPIO_SMC: CFG_OUT/DRIVE_SEL<1:0> = 0b01, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0, CFG/DRIVE_MODE<2:0> = 0b100, CFG_OUT/SLOW<0:0>
= 0b1
HSIO_STDLN: CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<2:0> = 0b010, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0, CFG/DRIVE_MODE<2:0> =0b100,
CFG_SLEW_EXT/SLEW<2:0> =0b000
(Note: SID158 is not valid for GPIO_STD, HSIO_STDLN)
SID150
fSCL
SCL clock frequency
–
–
400[71] kHz
SID151
tHD;STA
Hold time, START condition
600
–
–ns
SID152
tLOW
Low period of SCL
1300
–
–ns
SID153
tHIGH
High period of SCL
600
–
–ns
SID154
tSU;STA
Setup time for a repeated
START
600
–
–ns
SID155
tHD;DAT
Data hold time, for receiver
0
–
–ns
SID156
tSU;DAT
Data setup time
100
–
–ns
SID158
tF
Fall time of SCL and SDA
20 ×
(VDDIO_GPIO
/5.5)
–
300
ns
Input and output
Output: Only valid for
GPIO_ENH, GPIO_SMC
SID159
tSU;STO
Setup time for STOP
600
–
–ns
SID160
tBUF
Bus free time between
START and STOP
1300
–
–ns
SID161
CB
Capacitive load for each bus
line
–
–
400
pF
SID162
tVD;DAT
Time for data signal from
SCL LOW to SDA output
–
–
900
ns
SID163
tVD;ACK
Data valid acknowledge
time
–
–
900
ns
SID164
tSP
Pulse width of spikes that
must be suppressed by the
input filter
–
–50
ns
I2C Interface-Fast-Plus mode
Recommended I/O Configuration:
GPIO_STD: CFG_OUT/DRIVE_SEL<1:0> = 0b10, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0, CFG/DRIVE_MODE<2:0> = 0b100
GPIO_ENH: CFG_OUT/DRIVE_SEL<1:0> = 0b00, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0, CFG/DRIVE_MODE<2:0> = 0b100, CFG_OUT/SLOW<0:0>
= 0b1
GPIO_SMC: CFG_OUT/DRIVE_SEL<1:0> = 0b10, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0, CFG/DRIVE_MODE<2:0> = 0b100, CFG_OUT/SLOW<0:0>
= 0b0
HSIO_STDLN: CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<2:0> =0b010, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>= 0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0, CFG/DRIVE_MODE<2:0> =0b100,
CFG_SLEW_EXT/SLEW<2:0> =0b000
(Note: SID178 is not valid for GPIO_STD, GPIO_SMC, and HSIO_STDLN)
SID170
fSCL
SCL clock frequency
–
–1[72]
MHz
SID171
tHD;STA
Hold time, START condition
260
–
–ns
SID172
tLOW
Low period of SCL
500
–
–ns
SID173
tHIGH
High period of SCL
260
–
–ns
SID174
tSU;STA
Setup time for a repeated
START
260
–
–ns
SID175
tHD;DAT
Data hold time, for receiver
0
–
–ns
Table 26-10
Serial Communication Block (SCB) specifications (continued)
Spec ID Parameter
Description
Min
Typ
Max Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com