Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 124 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 124 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 120Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 121Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 122Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 123Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 124Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 125Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 126Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 127Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 128Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 209 page
background image
Datasheet
124
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID109 A_TE
Total error
–5
–
5
LSb VDDA_ADC= VREFH= 2.7 V to
5.5 V,
VREFL = VSSA_ADC
–40 °C ≤ TA ≤ 105 °C
Total Error after offset and
gain adjustment at 12-bit
resolution mode
SID110 A_INL
Integral nonlinearity
–2.5
–
2.5
LSb VDDA_ADC = 2.7 V to 5.5 V,
–40 °C ≤ TA ≤ 105 °C
SID111 A_DNL
Differential nonlinearity –0.99
–
1.9
LSb VDDA_ADC = 2.7 V to 5.5 V,
–40 °C ≤ TA ≤ 105 °C
SID112 A_GE
Measure the ADC output
with input switching
through all input
channels of one ADC
–7
–
7
LSb VDDA_ADC = 2.7 V to 5.5 V,
–40 °C ≤ TA ≤ 105 °C
SID115 IAIC
Analog input leakage
current (GPIO_STD)
–350
–
350
nA When input pad is
selected for conversion,
VDDA_ADC = VREFH = 2.7 V to
5.5 V, –40 °C ≤ TA ≤ 105 °C
SID115B IAIC
Analog input leakage
current (GPIO_ENH)
–700
–
700
nA When input pad is
selected for conversion,
VDDA_ADC = VREFH = 2.7 V to
5.5 V, –40 °C ≤ TA ≤ 105 °C
SID115D IAIC
Analog input leakage
current (GPIO_SMC)
–1075
–
1075
nA When input pad is
selected for conversion,
VDDA_ADC = VREFH = 2.7 V to
5.5 V, –40 °C ≤ TA ≤ 105 °C
SID115A IAIC2
Analog input leakage
current (GPIO_STD)
–
–
165
nA When input pad is not
selected for conversion,
VDDA_ADC = VREFH = 2.7 V to
5.5 V, –40 °C ≤ TA ≤ 105 °C
SID115C IAIC2
Analog input leakage
current (GPIO_ENH)
–
–
515
nA When input pad is not
selected for conversion,
VDDA_ADC = VREFH = 2.7 V to
5.5 V, –40 °C ≤ TA ≤ 105 °C
SID115E IAIC2
Analog input leakage
current (GPIO_SMC)
–
–
1015
nA When input pad is not
selected for conversion,
VDDA_ADC = VREFH = 2.7 V to
5.5 V, –40 °C ≤ TA ≤ 105 °C
SID116 IDIAGREF
Diagnostic reference
current
––
70
µA
SID117 IVDDA
Analog power supply
current while ADC is
operating
–
360
550
µA Per enabled ADC, without
diagnosis
SID117A IVDDA_DS
Analog power supply
current while ADC is not
operating
–1
21
µA Per enabled ADC
SID118 IVREF
Analog reference voltage
current while ADC is
operating
–
360
550
µA Per enabled ADC, without
diagnosis
Table 26-7
SAR ADC AC specifications (continued)
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com