Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 122 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 122 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 118Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 119Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 120Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 121Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 122Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 123Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 124Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 125Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 126Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 209 page
background image
Datasheet
122
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Figure 26-5
Integral and differential linearity errors
Figure 26-6
ADC equivalent circuit for analog input
0xFFF
0xFFE
0xFFD
0x001
0x002
0x003
Analog input
VREFL
Actual conversion
characteristics
Actual conversion
characteristics
Ideal
characteristics
VNT
(Measured value)
N + 1
N -2
N - 1
N
Analog input
VREFL
VREFH
VREFH
Integral linearity error
Differential linearity error
(1 LSb [N - 1] + VZT)
VFST
(Measured value)
0x004
VZT
(Measured value)
Actual conversion
characteristics
Ideal
characteristics
Actual conversion
characteristics
VNT
(Measured value)
V(N+ 1)T
(Measured value)
Integral linearity error of digital output N = (VNT – {1 LSb × (N – 1) + VZT}) / 1 LSb
[LSb]
Differential linearity error of digital output N = (V(N + 1)T – VNT – 1 LSb ) / 1 LSb
[LSb]
1 LSb = (VFST – VZT ) / 4094
[V]
VZT: Voltage for which digital output changes from 0x000 to 0x001
VFST: Voltage for which digital output changes from 0xFFE to 0xFFF.
REXT
VDDIO
CEXT
CIN
RVIN
CVIN
EXTERNAL CIRCUIT
INTERNAL EQUIVALENT CIRCUIT
ESD Protection
Channel selection MUX and ADC
REXT: Source impedance
CEXT: On-PCB capacitance
CIN: I/O pad or Input capacitance
RVIN: ADC equivalent input resistance
CVIN: ADC equivalent input capacitance
K: Constant for sampling accuracy, K = ln(abs(4096/LSbSAMPLE))
Sampling Time (tSAMPLE) requirement is shown in the following equation
tSAMPLE > K x { CVIN x ( RVIN + REXT ) + ( CIN + CEXT ) x (REXT) } [seconds]
K = 9.0" is recommended to get ±0.5 LSB sampling accuracy at 12-bit (LSbSAMPLE = ±0.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com