Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 119 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 119 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 115Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 116Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 117Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 118Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 119Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 120Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 121Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 122Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 123Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 209 page
background image
Datasheet
119
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID965 VOS_US
Overshoot/Undersho
ot voltage output
––
1
V
Frequency: max 167 MHz
Trace length:
- 2.1", 50 Ω impedance controlled,
followed by a 7.5 pF load
CFG_OUT2/DS_TRIM<2:0> =
0b100
- 1.2", 50 Ω impedance controlled,
followed by a 15 pF load
CFG_OUT2/DS_TRIM<2:0> =
0b110
Figure 26-4
SID966 TOS_US
Overshoot/Under-
shoot duration of
output
––
5
ns Frequency: max 167 MHz
Trace length:
- 2.1", 50 Ω impedance controlled,
followed by a 7.5pF load
CFG_OUT2/DS_TRIM<2:0> =
0b100
- 1.2", 50 Ω impedance controlled,
followed by a 15 pF load
CFG_OUT2/DS_TRIM<2:0> =
0b110
Figure 26-4
SID965A VOS_US_IN
Allowed Overshoot/
Undershoot input
voltage on HSIO_ENH
––
1
V
Maximum allowed
Overshoot/undershoot input
on HSIO_ENH IO-cells
SID966B TOS_US_IN
Allowed Overshoot/
Undershoot input
Duration on HSIO_ENH
––
5
ns Maximum allowed
Overshoot/undershoot input
on HSIO_ENH IO-cells
SID967 IVDDIO_SMIF_
HV
Currentconsumption
of VDDIO_SMIF_HV per
SMIF Interface
––
15
mA Max: TA =–40°C, VDDIO_SMIF_HV
= 3.6 V, process worst (FF)
GPIO input specifications
SID98
tFT
Analog glitch filter
(pulse suppression
width)
––
50[70]
ns Onefilterperportgroup(required
for some I2C speeds)
SID99
tINT
Minimum pulse
width for GPIO
interrupt
160
–
–
ns
Table 26-5
I/O specifications (continued)
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com