Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 115 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 115 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 111Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 112Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 113Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 114Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 115Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 116Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 117Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 118Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 119Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 209 page
background image
Datasheet
115
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID660C VIH_CMOS
Input voltage HIGH
threshold in CMOS
mode
0.7 × V
DDIO_GPIO
––
V
CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0
CFG_IN/VTRIP_SEL<0:0> = 0b0
SID661C VIH_TTL
Input voltage HIGH
threshold in TTL
mode
2.0
–
–
V
CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0
CFG_IN/VTRIP_SEL<0:0> = 0b1
SID662C VIH_AUTO
Input voltage HIGH
threshold in AUTO
mode
0.8 × V
DDIO_GPIO
––
V
CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b1
CFG_IN/VTRIP_SEL<0:0> = 0b0
4.5 V  VDDIO_GPIO  5.5 V
SID663C VIL_CMOS
Input voltage LOW
threshold in CMOS
mode
–
–
0.3 ×
V
DDIO_GPIO
V
CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0
CFG_IN/VTRIP_SEL<0:0> = 0b0
SID664C VIL_TTL
Input voltage LOW
threshold in TTL
mode
––
0.8
V
CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0
CFG_IN/VTRIP_SEL<0:0> = 0b1
SID665C VIL_AUTO
Input voltage LOW
threshold in AUTO
mode
–
–
0.5 ×
V
DDIO_GPIO
V
CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b1
CFG_IN/VTRIP_SEL<0:0> = 0b0
4.5 V  VDDIO_GPIO  5.5 V
SID666C VHYST_CMOS Hysteresis in CMOS
mode
0.05 ×
V
DDIO_GPIO
––
V
CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0
CFG_IN/VTRIP_SEL<0:0> = 0b0
SID668C VHYST_AUTO Hysteresis in AUTO
mode
0.05 ×
V
DDIO_GPIO
––
V
CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b1
CFG_IN/VTRIP_SEL<0:0> = 0b0
4.5 V  VDDIO_GPIO  5.5 V
SID669C CIN
Input pin capaci-
tance
––
5
pF Test condition: 10/100MHz
SID670C IIL
Input leakage current
–1
–
1
µA VDDIO_GPIO = VDDD = 5.5 V,
VSS < VI < VDDIO_GPIO
–40 °C  TA  105 °C
SID671C tR_F_FAST
Rise time or fall time
(10% to 90% of
VDDIO_GPIO)
1–
10
ns 20 pF load,
CFG_OUT/DRIVE_SEL<1:0> =
0b00,
CFG_OUT/SLOW<0:0> = 0b0,
entire VDDIO_GPIO range
SID672C tR_F_FAST
Rise time or fall time
(10% to 90% of
VDDIO_GPIO)
1–
20
ns 50 pF load,
CFG_OUT/DRIVE_SEL<1:0> =
0b00,
CFG_OUT/SLOW<0:0> = 0b0,
entire VDDIO_GPIO range,
Guaranteed by design
SID673C tR_F_FAST
Rise time or fall time
(10% to 90% of
VDDIO_GPIO)
1–
20
ns 20-pF load,
CFG_OUT/DRIVE_SEL<1:0> =
0b01, CFG_OUT/SLOW<0:0> =
0b0, entire VDDIO_GPIO range,
Guaranteed by design
SID674C tR_F_FAST
Rise time or fall time
(10% to 90% of
VDDIO_GPIO)
1–
20
ns 10-pF load,
CFG_OUT/DRIVE_SEL<1:0> =
0b10, CFG_OUT/SLOW<0:0> =
0b0, entire VDDIO_GPIO range,
Guaranteed by design
SID675C tR_F_FAST
Rise time or fall time
(10% to 90% of
VDDIO_GPIO)
1–
20
ns 6-pF load,
CFG_OUT/DRIVE_SEL<1:0> =
0b11, CFG_OUT/SLOW<0:0> =
0b0, entire VDDIO_GPIO range,
Guaranteed by design
Table 26-5
I/O specifications (continued)
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com