Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 192 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 192 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 188Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 189Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 190Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 191Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 192Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 193Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 194Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 195Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 196Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 209 page
background image
Datasheet
192
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Acronyms
30
Acronyms
Table 30-1
Acronyms used in the document
Acronym
Description
Acronym
Description
A/D
Analog to Digital
POR
Power-on reset
ABS
Absolute
PPU
Peripheral protection unit
ADC
Analog to Digital converter
PRNG
Pseudo-random number generator
AES
Advanced encryption standard
PSoC
Programmable system on chip
AHB
AMBA (advanced microcontroller bus
architecture) high-performance bus, Arm®
data transfer bus
PWM
Pulse-width modulation
Arm®
Advanced RISC machine, a CPU architecture MCU
Microcontroller Unit
ASIL
Automotive safety integrity level
MCWDT
Multi-counter watchdog timer
BOD
Brown-out detection
M-DMA
Memory-Direct Memory Access
CAN FD
Controller Area Network with Flexible Data
rate
MISO
Master-in slave-out
CMOS
Complementary metal-oxide-semicon-
ductor
MMIO
Memory mapped I/O
CPU
Central Processing Unit
MOSI
Master-out slave-in
CRC
Cyclic redundancy check, an error-checking
protocol
MPU
Memory protection unit
CSV
Clock supervisor
NVIC
Nested vectored interrupt controller
DES
Data encryption standard
RAM
Random access memory
DW
Datawire same as P-DMA
RISC
Reduced-instruction-set computing
ECC
Error correcting code
ROM
Read only memory
ECO
External crystal oscillator
RTC
Real-time clock
ETM
Embedded Trace Macrocell
SAR
Successive approximation register
FLL
Frequency Locked Loop
SCB
Serial communication block
FPU
Floating point unit
SCL
I2C serial clock
GHS
Green hills tool chain with IDE
SDA
I2C serial data
GPIO
General purpose input/output
SHA
Secure hash algorithm
HSM
Hardware security module
SHE
Secure hardware extension
I/O
Input/output
SMPU
Shared memory protection unit
I2C
Inter-Integrated Circuit, a communications
protocol
SPI
Serial peripheral interface, a commu-
nications protocol
ILO
Internal low-speed oscillator
SRAM
Static random access memory
IMO
Internal main oscillator
SWD
Single wire debug
IPC
Inter-processor communication
TCM
Tightly Coupled Memory
IrDA
Infrared interface
TCPWM
Timer/Counter Pulse-width
modulator
IRQ
Interrupt request
TTL
Transistor-transistor logic
JTAG
Joint test action group
TRNG
True random number generator
LIN
Local Interconnect Network, a communica-
tions protocol
UART
Universal Asynchronous Transmitter
Receiver, a communications protocol
LVD
Low voltage detection
WCO
Watch crystal oscillator
OTA
Over-the-air programming
WDT
Watchdog timer reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com