Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 195 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 195 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 191Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 192Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 193Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 194Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 195Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 196Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 197Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 198Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 199Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 209 page
background image
Datasheet
195
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Errata
1. CAN FD RX FIFO top pointer feature does not function as expected
Problem Definition
RX FIFO top pointer function calculates the address for received messages in Message RAM by
hardware. This address should be re-start back from the start address after reading all messages
of RX FIFO n size (n: 0 or 1). However, the address does not re-start back from the start address
when RX FIFO n size is set to 1 (CANFD_CH_RXFnC.FnS = 0x01). This results in CPU/DMA to read
messages from the wrong address in Message RAM.
Parameters Affected
N/A
Trigger Condition(s)
RX FIFO top pointer function is used when RX FIFO n size set to 1 element (CANFD_CH_RXFnC.FnS
= 0x01).
Scope of Impact
Received message cannot be correctly read by using RX FIFO top pointer function, when RX FIFO
n size set to 1 element.
Workaround
Any of the following.
1) Set RX FIFO n size to 2 or more when using RX FIFO top pointer function.
2) Do not use RX FIFO top pointer function when RX FIFO n size set to 1 element. Instead of RX
FIFO top pointer, read received messages from the Message RAM directly.
Fix Status
No silicon fix planned. Use workaround.
2. CAN FD debug message handling state machine not get reset to Idle state when CANFD_CH_CCCR.INIT is set
Problem Definition
If either CANFD_CH_CCCR.INIT bit is set by the Host or when the M_TTCAN module enters Bus-off
state, the debug message handling state machine stays in its current state instead of being reset
to Idle state. Configuring the bit CANFD_CH_CCCR.CCE does not change CANFD_CH_RXF1S.DMS.
Parameters Affected
N/A
Trigger Condition(s)
Either CANFD_CH_CCCR.INIT bit is set by the Host or when the M_TTCAN module enters Bus-off
state.
Scope of Impact
The errata is limited to the use case when the Debug on CAN functionality is active. Normal
operation of CAN module is not affected, in which case the debug message handling state
machine always remains in Idle state. In the described use case, the debug message handling
state machine is stopped and remains in the current state signaled by the bit
CANFD_CH_RXF1S.DMS. In case CANFD_CH_RXF1S.DMS is set to 0b11, DMA request remains
active.
Bosch classifies this as non-critical error with low severity, there is no fix for the IP. Bosch recom-
mends the workaround listed also here.
Workaround
In case the debug message handling state machine has stopped while CANFD_CH_RXF1S.DMS
is 0b01 or 0b10, it can be reset to Idle state by hardware reset or by reception of debug messages
after CANFD_CH_CCCR.INIT is reset to zero.
Fix Status
No silicon fix planned. Use workaround.
3. No YUV422 allowed in Direct Capture Mode
Problem Definition
When VIDEOSS is operating in Direct Capture Mode (video input data goes directly to a display
without frame buffer interaction) the YUV 4:2:2 to 4:4:4 up-sampling function is corrupting video
in a way that prevents the display engine to properly synchronize.
Parameters Affected
N/A
Trigger Condition(s)
RASTERMODE = YUV422 in ExtScr4 when destination is ExtDst4 and not Store4 unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com