Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 198 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 198 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 194Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 195Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 196Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 197Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 198Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 199Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 200Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 201Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 202Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 209 page
background image
Datasheet
198
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Errata
Fix Status
Will be fixed to update the Flash settings from the date code 312xxxxx, via Manufacturing Test Program
Update for Code Flash setting; this fix is transferred to TRAVEO™ T2G devices during Infineon Factory Test
Flow. Fixed devices will be identified by Device Date Code, which is marked on every TRAVEO™ T2G device.
7. Limitation for keeping the port state from peripheral IP after wakeup from DeepSleep
Problem Definition
The port state is not retained when the port selects peripheral IP (except for LIN or CAN FD) and MCU wakes
up from DeepSleep.
Parameters Affected
N/A
Trigger Condition(s)
The port selects peripherals (except for LIN or CAN-FD) and MCU wakes up from DeepSleep.
Scope of Impact
Unexpected port output change might affect user system.
Workaround
If the port selects peripherals (except for LIN or CAN FD), and the port output value needs to be maintained
after wakeup from DeepSleep, set HSIOM_PRTx_PORT_SEL.IOy_SEL = 0 (GPIO) before DeepSleep and set
the required output value in GPIO configuration registers. After wakeup, change HSIOM_PRTx-
_PORT_SEL.IOy_SEL back to the peripheral module as needed.
Fix Status
No silicon fix planned. TRM will be updated to add above workaround.
8. A part of the PWR_CTL2.BGREF_LPMODE description is lacked in the existing register TRM
Problem Definition
The following is lacked from the PWR_CTL2.BGREF_LPMODE description in the existing register TRM.
“This register will not set unless CLK_ILO0_CONFIG.ILO0_ENABLE==1. When changing back to continuous
operation, keep ILO0 enabled for at least 5 ILO0 cycles after clearing this bit to allow for internal synchro-
nization.”
Parameters Affected
N/A
Trigger Condition(s)
Using the PWR_CTL2.BGREF_LPMODE.
Scope of Impact
PWR_CTL2.BGREF_LPMODE may not be set or cleared.
Workaround
Use the PWR_CTL2.BGREF_LPMODE according to the following description.
“This register will not set unless CLK_ILO0_CONFIG.ILO0_ENABLE==1. When changing back to continuous
operation, keep ILO0 enabled for at least 5 ILO0 cycles after clearing this bit to allow for internal synchro-
nization.”
Fix Status
No silicon fix planned. Register TRM will be updated.
9. Limitation of clock configuration before entering DeepSleep mode
Problem Definition
DeepSleep should not be entered while any FLL/PLL is enabled and using ECO/LPECO as its
reference clock. Since the unstable ECO/LPECO clock after wakeup is outside the allowed
reference clock limits for FLL/PLL, there is possibility of failing the DeepSleep wakeup.
Parameters Affected
N/A
Trigger Condition(s)
DeepSleep transition while any FLL/PLL is enabled and using ECO/LPECO as its reference clock.
Scope of Impact
There is possibility of failing the DeepSleep wakeup.
Workaround
If any FLL/PLL is operating with the ECO/LPECO as its reference clock, change the clock to either
ECO/LPECO direct or IMO direct or IMO with FLL/PLL before entering DeepSleep.
Fix Status
No silicon fix planned. TRM will be updated to add above workaround.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com