Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 202 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 202 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 198Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 199Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 200Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 201Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 202Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 203Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 204Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 205Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 206Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 209 page
background image
Datasheet
202
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
*E
2020-12-22
Updated Features.
Corrected DMA Channels in Functional description.
Updated min ECO frequency.
Updated Peripheral I/O map.
Updated Pin assignment.
Corrected footnotes for Table 11-1.
Updated Faults.
Updated Electrical specifications.
Added diagrams for Graphics specifications.
Updated Packaging.
*F
2021-05-12
Updated Features.
Updated Features list.
Updated Clock system, Power modes, and I/Os.
Updated Pin assignment.
Updated Package pin list and alternate functions.
Updated Power pin assignments.
Updated Alternate function pin assignments.
Updated Interrupts and wake-up assignments.
Updated Faults.
Updated Peripheral protection unit fixed structure pairs.
Updated Bus masters.
Updated Electrical specifications.
Updated Packaging.
Updated Appendix.
*G
2021-09-20
Renamed Traveo II to TRAVEO™ T2G.
Updated Features list.
Updated Alternate function pin assignments.
Updated Electrical specifications.
Updated Clock specifications
Added xSPI (JEDEC JESD251) Tap/DLL setting requirement
Added Capture timing groups
Updated Ordering information
*H
2022-07-01
Updated Features, and Features list
Updated Blocks and functionality, System resources and Peripherals
Updated Peripheral I/O map
Updated Faults
Updated Electrical specifications
Updated Packaging
Updated MIPI formats supported
Added Errata
Migrated to IFX template.
*I
2023-02-14
Updated Features list.
Updated Peripherals and I/Os.
Updated Peripheral I/O map.
Updated Package pin list and alternate functions.
Updated Trigger multiplexer.
Updated Bus masters.
Updated Electrical specifications.
Updated Packaging
Document
revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com