Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 203 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 203 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 199Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 200Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 201Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 202Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 203Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 204Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 205Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 206Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 207Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 209 page
background image
Datasheet
203
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Revision history change log
Revision history change log
Rev. *I Section Updates
Section
Change Description
Current Spec (Rev. *H)
New Spec (Rev. *I)
Reason for change
1. Features List
Graphics: Scale/Rotate/Blend
Supported
Supported (on the fly)
Correction
1. Features List
Graphics: FPD-link/LVDS Output
Dual channel LVDS at 220 MHz (max)
Dual channel LVDS at 220 MHz pixel clock
(max)
Correction
1. Features List
Graphics: FPD-link/LVDS Output
Single channel LVDS at 110 MHz (max)
Single channel LVDS at 110 MHz pixel
clock (max)
Correction
1. Features List
Graphics: MIPI CSI-2 Input
4 lane MIPI CSI-2 at 220 MHz (max)
4 lane MIPI CSI-2 at 220 MHz pixel clock
(max)
Correction
1. Features List
Graphics: MIPI CSI-2 Input
2 lane MIPI CSI-2 at 110 MHz (max)
2 lane MIPI CSI-2 at 110 MHz pixel clock
(max)
Correction
1. Features List
System: Watchdog timer and
multi-counter watchdog timer
Supported
Supported (WDT + 3× MCWDT)
MCWDT#0 tied to CM0+, MCWDT#1 to
CM7_0, MCWDT#2 to CM7_1
Correction
3.3 Peripherals
Note [13]
13.Only pins with GPIO_ENH cells and when
slew rate control is enabled meets the I2C
minimum fall time requirement. See Table
11-1 for Pin list and corresponding of IO-cell
types.
13.See Table 26-10 'Serial Communi-
cation Block (SCB) specifications' for
supported IO-cells and I2C modes.
Correction
3.3 Peripherals
3.3.9 Ethernet MAC
The device also supports Audio-Video
Bridging (AVB). The MAC supports standard
6-byte programmable addresses.
The device also supports Audio-Video
Bridging (AVB). The MAC supports
standard 6-byte programmable
addresses. Module uses AXI interface for
DMA access.
Correction
3.5 I/Os
Note [17]
17.Refer to the family-specific Architecture
TRM for more information on the I/O config-
urations (002-25800, TRAVEO™ T2G
Automotive
MCU cluster 2D architecture technical
reference manual).
17.Refer to the device Architecture TRM
for more details on the I/O configuration.
Correction
3.5 I/Os
3.5.1.3 GPIO SMC (GPIO_SMC)
Provides significant drive strength
compared to GPIO_STD and GPIO_ENH
(supports 30-mA drive) and also has
support for I2C Fast Plus Mode.
Provides significant drive strength
compared to GPIO_STD and GPIO_ENH
(supports 30-mA drive).
Correction
6. Peripheral I/O
map
Table 6-1: CAN: Message RAM CAN0
Instance size: 0x3FFF
Instance size: 0x4000
Correction
6. Peripheral I/O
map
Table 6-1: CAN: Message RAM CAN1
Instance size: 0x3FFF
Instance size: 0x4000
Correction
11. Package pin list
and alternate
functions
-
Port 11 has the following additional
features:
• Ability to pass full-level analog signals to
the SAR without clipping to VDDD in cases
where VDDD < VDDA_ADC
• Lower noise, for the most sensitive sensors
(none)
Removed
11. Package pin list
and alternate
functions
Table 11-1
Package: I/O Type
327-BGA: I/O Type
Pin: I/O Type
Package: I/O Type
327-BGA: HCon#0
Pin: (none)
Correction
11. Package pin list
and alternate
functions
Table 11-1
(none)
Name: XRES_L
Pin: F18
Added
16. Trigger Multi-
plexer
Figure 16-1
-
Minor changed in the figure
Correction
16. Trigger Multi-
plexer
Figure 16-2
-
Added comments under the figure
Correction
23. Bus masters
ID No. 9: CPUSS_MS_ID_FAST0
Description: Master ID for Ethernet0
Description: Master ID for External AXI
Master 0 (Ethernet#0)
Correction
23. Bus masters
ID No. 10: CPUSS_MS_ID_FAST1
Description: Master ID for JPEG Decoder
Description: Master ID for External AXI
Master 1 (JPEG Decoder)
Correction
26. Electrical specifi-
cations
Note [52]
52.EnsureVDDIO_GPIO_2 ≥0.8 × VDDA_ADC
when SARMUX0 is enabled.
(none)
Removed
26. Electrical specifi-
cations
Table 26-10
I2C Interface-Standard-mode
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<4:0
> = 0b00010, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0,
CFG/DRIVE_MODE<2:0> =0b100,
CFG_SLEW_EXT/SLEW<2:0> =0b000
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<
2:0> = 0b010, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0,
CFG/DRIVE_MODE<2:0> =0b100,
CFG_SLEW_EXT/SLEW<2:0> =0b000
(Note: SID138 is not valid for
HSIO_STDLN)
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com