Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 205 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 205 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 201Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 202Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 203Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 204Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 205Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 206Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 207Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 208Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 209Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 205 / 209 page
background image
Datasheet
205
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Revision history change log
26. Electrical specifi-
cations
Table 26-33
Sound subsystem specifications
TDM I/O settings
Table 26-31
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<4:0
> = 0b00011, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b1,
CFG_SLEW_EXT/SLEW<0:0> =
0b0
Table 26-33
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<
2:0> = 0b011, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b1,
CFG_SLEW_EXT/SLEW<0:0> = 0b0
Correction
26. Electrical specifi-
cations
Table 26-33
Sound subsystem specifications
TDM I/O settings
Table 26-31
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<4:0
> = 0b00100, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b1,
CFG_SLEW_EXT/SLEW<0:0> =
0b0
Table 26-33
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<
2:0> = 0b100, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b1,
CFG_SLEW_EXT/SLEW<0:0> = 0b0
Correction
26. Electrical specifi-
cations
Table 26-33
Sound subsystem specifications
(PCM) PWM
Table 26-31
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<4:0
> = 0b00011, CFG_SLEW_EXT/SLEW<0:0> =
0b0
Table 26-33
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<
2:0> = 0b011,
CFG_SLEW_EXT/SLEW<0:0> = 0b0
Correction
26. Electrical specifi-
cations
Table 26-33
Sound subsystem specifications
Sound Generator
Table 26-31
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<4:0
> = 0b00011, CFG_SLEW_EXT/SLEW<0:0> =
0b0
Table 26-33
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<
2:0> = 0b011,
CFG_SLEW_EXT/SLEW<0:0> = 0b0
Correction
26. Electrical specifi-
cations
Table 26-36
xSPI (JEDEC JESD251) Tap/DLL setting
requirement
Feature
Table 26-34
Delay Tap Setting for SMIF0
(Tx (MDL): CTL2:MDL_TAP_SEL
Rx (SDL): RX_CAPTURE_CONFIG:NEG_S-
DL_TAP_SEL / POS_SDL_TAP_SEL)
Table 26-36
Delay Tap Setting for SMIF0
(Tx (MDL):
SMIF_CORE_CTL2:MDL_TAP_SEL
Rx (SDL): SMIF_CORE_DEVICE_RX_CAP-
TURE_CONFIG:NEG_SDL_TAP_SEL /
POS_SDL_TAP_SEL)
Correction
26. Electrical specifi-
cations
Table 26-36
xSPI (JEDEC JESD251) Tap/DLL setting
requirement
Feature
Table 26-34
Delay Tap Setting for SMIF0
(Tx (MDL): CTL2:MDL_TAP_SEL
Rx (SDL): RX_CAPTURE_CONFIG:NEG_S-
DL_TAP_SEL / POS_SDL_TAP_SEL)
Table 26-36
Delay Tap Setting for SMIF1
(Tx (MDL):
SMIF_CORE_CTL2:MDL_TAP_SEL
Rx (SDL): SMIF_CORE_DEVICE_RX_CAP-
TURE_CONFIG:NEG_SDL_TAP_SEL /
POS_SDL_TAP_SEL)
Correction
26. Electrical specifi-
cations
Table 26-36
xSPI (JEDEC JESD251) Tap/DLL setting
requirement
Feature
Table 26-34
DLL Speed Mode (CTL2:DLL_SPEED_MODE)
Table 26-36
DLL Speed Mode
(SMIF_CORE_CTL2:DLL_SPEED_MODE)
Correction
26. Electrical specifi-
cations
Table 26-38
Table 26-36
Recommended I/O configuration:
HSIO_ENH/1.8V: CFG_OUT2/DS_TRIM<2:0
= 0b110, CFG_SLEW_EXT/SLEW<0:0> = 0b0
DLL Tap settings:
CTL2:MDL_TAP_SEL = 12,
Following DLL Tap settings have to be used
if DLP is not used:
RX_CAPTURE_CONFIG:NEG_SDL_TAP_SEL
/ POS_SDL_TAP_SEL = 8
All timingsaligned with respect to VT = (50%
× VDDIO_SMIF).
Table 26-38
Recommended configuration:
HSIO_ENH/1.8V I/O:
CFG_OUT2/DS_TRIM<2:0 = 0b110,
CFG_SLEW_EXT/SLEW<0:0> = 0b0
SMIF_CORE_CTL2:TX_SDR_EXTRA_-
SETUP = 1
DLL Tap settings for SMIF0/1:
SMIF_CORE_CTL2:MDL_TAP_SEL = 12
Following DLL Tap settings have to be
used if DLP is not used:
SMIF_CORE_DEVICE_RX_CAPTURE_-
CONFIG:NEG_SDL_TAP_SEL / POS_S-
DL_TAP_SEL = 8
All timings aligned with respect to VT =
(50% × VDDIO_SMIF).
Correction
26. Electrical specifi-
cations
26.15.1 VIDEOSS capture timing groups
Table 26-40
TTL_CAP0_CLK (SID875B/40 MHz) - P15.6
(ACT#9)
All lines of P9.0 to P9.7, P10.0 to P10.1, P11.0
to P11.6 and P12.0
(none)
Removed
28. Packaging
Table 28-2 Package characteristics
Parameter: RθJB
Description: Package θJB
Description: Package thermal resistance,
junction to board θJB
Correction
Rev. *I Section Updates (continued)
Section
Change Description
Current Spec (Rev. *H)
New Spec (Rev. *I)
Reason for change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com