Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 207 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 207 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 201Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 202Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 203Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 204Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 205Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 206Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 207Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 208Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 209Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 207 / 209 page
background image
Datasheet
207
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Revision history change log
SID328
LPECO startup time
Details/Condi-
tions
Details/Conditions: Startup time to
90% of final
frequency
Details/Conditions: Startup time to
90% of final
frequency. Time from oscillator
enable
(BACKUP_LPECO_CTL.LPECO_EN<
0:0>=0b1) to stable oscillation and
sufficient amplitude
(BACKUP_LPECO_STATUS.LPECO_
READY<0:0>=0b1 and
BACKUP_LPECO_STATUS.LPECO_A
MPDET_OK<0:0>=0b1).
Updated
description
SID334
7.2-MHz ECO startup time
Details/Condi-
tions
Details/Conditions: Startup time to
90% of final frequency
Details/Conditions: Startup time to
90% of final
frequency. Time from oscillator
enable (CLK_ECO_-
CONFIG.ECO_EN<0:0>=0b1) to
stable oscillation and sufficient
amplitude
(CLK_ECO_STATUS.ECO_OK<0:0>=0
b1 and
CLK_ECO_STATUS.ECO_READY<0:0
>=0b1).
Updated
description
SID335
33-MHz ECO startup time[
Details/Condi-
tions
Details/Conditions: Startup time to
90% of final frequency
Details/Conditions: Startup time to
90% of final
frequency. Time from oscillator
enable (CLK_ECO_-
CONFIG.ECO_EN<0:0>=0b1) to
stable oscillation and sufficient
amplitude
(CLK_ECO_STATUS.ECO_OK<0:0>=0
b1 and
CLK_ECO_STATUS.ECO_READY<0:0
>=0b1).
Updated
description
SID342D1
Long term jitter
Details/Condi-
tions
Details/Conditions: For 125 ns
Guaranteed by Design
fVCO: 800 MHz (spreading is off)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
Details/Conditions: For 125 ns
Guaranteed by Design
fVCO: 800 MHz (Integer mode)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
Updated
description
SID343D1
Long term jitter
Details/Condi-
tions
Details/Conditions: For 500 ns
Guaranteed by Design
fVCO: 800 MHz (spreading is off)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
Details/Conditions: For 500 ns
Guaranteed by Design
fVCO: 800 MHz (Integer mode)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
Updated
description
SID344D1
Long term jitter
Details/Condi-
tions
Details/Conditions: For 1000 ns
Guaranteed by Design
fVCO: 800 MHz (spreading is off)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
Details/Conditions: For 1000 ns
Guaranteed by Design
fVCO: 800 MHz (Integer mode)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
Updated
description
SID345E1
Long term jitter
Details/Condi-
tions
Details/Conditions: For 10000 ns
Guaranteed by Design
fVCO: 800 MHz (spreading is off)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
Details/Conditions: For 10000 ns
Guaranteed by Design
fVCO: 800 MHz (Integer mode)
fIN: ECO
fPFD: 4 MHz
fOUT: 100 MHz to 400 MHz
Updated
description
SID362
WCO start up time
Details/Condi-
tions
Details/Conditions: (none)
Details/Conditions: Time from oscil-
lator enable
(BACKUP_CTL.WCO_EN<0:0>=0b1)
to stable oscillation and sufficient
amplitude
(BACKUP_STATUS.WCO_OK<0:0>=0
b1)
Updated
description
SID1607C
DQ[7:0] input setup time
All
(none)
Parameter: tISU
Description: DQ[7:0] input setup
time
Min: tCK/2 ns
Typ: –
Max: –
Details/Conditions: Only valid in
non-DLP mode
160 MHz ≤ fDLL ≤ 320 MHz
10 MHz ≤ fCK ≤ 80 MHz
SMIF0_COREx_CTL2.CLKOUT_DIV =
[0b01, 0b10, 0b11] (divide by 4, 8, 16)
Reference CK edge: Fall (pos edge
capture
mode)
Added spec
Rev. *I Electrical Spec Updates (continued)
Spec ID
Description
Changed Item
Current Spec (Rev. *H)
New Spec (Rev. *I)
Reason for Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com