Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 204 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 204 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 200Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 201Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 202Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 203Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 204Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 205Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 206Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 207Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 208Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 209 page
background image
Datasheet
204
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Revision history change log
26. Electrical specifi-
cations
Table 26-10
I2C Interface-Fast-mode
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<4:0
> = 0b00010, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0,
CFG/DRIVE_MODE<2:0> =0b100,
CFG_SLEW_EXT/SLEW<2:0> =0b000
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<
2:0> = 0b010, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0,
CFG/DRIVE_MODE<2:0> =0b100,
CFG_SLEW_EXT/SLEW<2:0> =0b000
(Note: SID158 is not valid for GPIO_STD,
HSIO_STDLN)
Correction
26. Electrical specifi-
cations
Table 26-10
I2C Interface-Fast-Plus mode
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<4:0
> =0b00010, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0,
CFG/DRIVE_MODE<2:0> =0b100,
CFG_SLEW_EXT/SLEW<2:0> =0b000
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<
2:0> =0b010, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0,
CFG/DRIVE_MODE<2:0> =0b100,
CFG_SLEW_EXT/SLEW<2:0> =0b000
(Note: SID178 is not valid for GPIO_STD,
GPIO_SMC, and HSIO_STDLN)
Correction
26. Electrical specifi-
cations
Table 26-10
SPI Interface
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<4:0
> = 0b00010, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<
2:0> = 0b010, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0
26. Electrical specifi-
cations
Table 26-10
UART Interface
Recommended I/O Configuration:
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<4:0
> = 0b00010, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0
For SPI speeds ≤ 12.5 MHz
GPIO_STD: CFG_OUT/DRIVE_SEL<1:0> =
0b10, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>=
0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0
GPIO_ENH: CFG_OUT/DRIVE_SEL<1:0> =
0b10, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>=
0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0,
CFG_OUT/SLOW<0:0> = 0b0
GPIO_SMC: CFG_OUT/DRIVE_SEL<1:0> =
0b10, CFG_IN_AUTOLVL/VTRIP_SEL<0:0>=
0b0, CFG_IN/VTRIP_SEL<0:0> = 0b0,
CFG_OUT/SLOW<0:0> = 0b0
Recommended I/O Configuration:
GPIO_STD: CFG_OUT/DRIVE_SEL<1:0> =
0b10, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0
GPIO_ENH: CFG_OUT/DRIVE_SEL<1:0> =
0b10, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0,
CFG_OUT/SLOW<0:0> = 0b0
GPIO_SMC: CFG_OUT/DRIVE_SEL<1:0> =
0b10, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0,
CFG_OUT/SLOW<0:0> = 0b0
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<
2:0> = 0b010, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b0
Correction
26. Electrical specifi-
cations
Table 26-20
(none)
Added Table 26-20 PLL400 operation
modes
Added
26. Electrical specifi-
cations
Note [81]
83.Mainly depending on the chosen
external crystal.
81.Oscillator startup time is a perfor-
mance parameter and mainly depending
on the chosen external crystal and load
capacitance.
Correction
26. Electrical specifi-
cations
Note [83]
85.Mainly depending on the chosen
external crystal.
83.Oscillator startup time is a perfor-
mance parameter and mainly depending
on the chosen external crystal and load
capacitance.
Correction
26. Electrical specifi-
cations
26.11.1 Minimum bus frequency
requirements
(none)
Added a section
Added
26. Electrical specifi-
cations
Table 26-33
Sound subsystem specifications
I2S I/O settings
Table 26-31
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<4:0
> =0b00100, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b1,
CFG_SLEW_EXT/SLEW<2:0> =0b000
Table 26-33
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<
2:0> =0b100, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b1,
CFG_SLEW_EXT/SLEW<2:0> =0b000
Correction
26. Electrical specifi-
cations
Table 26-33
Sound subsystem specifications
I2S I/O settings
Table 26-31
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<4:0
> =0b00100, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b1,
CFG_SLEW_EXT/SLEW<2:0> =0b000
Table 26-33
HSIO_STDLN:
CFG_DRIVE_EXT<1:0>/DRIVE_SEL_EXT<
2:0> =0b100, CFG_IN_AU-
TOLVL/VTRIP_SEL<0:0>= 0b0,
CFG_IN/VTRIP_SEL<0:0> = 0b1,
CFG_SLEW_EXT/SLEW<2:0> =0b000
Correction
Rev. *I Section Updates (continued)
Section
Change Description
Current Spec (Rev. *H)
New Spec (Rev. *I)
Reason for change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com