Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 208 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 208 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 201Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 202Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 203Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 204Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 205Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 206Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 207Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 208Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 209Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 208 / 209 page
background image
Datasheet
208
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Revision history change log
SID1608C
DQ[7:0] input hold time
All
(none)
Parameter: tIH
Description: DQ[7:0] input hold time
Min: 0 ns
Typ: –
Max: –
Details/Conditions: Only valid in
non-DLP mode
160 MHz ≤ fDLL ≤ 320 MHz
10 MHz ≤ fCK ≤ 80 MHz
SMIF0_COREx_CTL2.CLKOUT_DIV =
[0b01, 0b10, 0b11] (divide by 4, 8, 16)
Reference CK edge: Fall (pos edge
capture
mode)
Added spec
SID866A
Clock Cycle
Details/Condi-
tions
Details/Conditions: TTL_DSP1_-
CLOCK
BGA (CL = 15 pF,
CFG_OUT/DRIVE_SEL<1:0>
=0b01 for HSIO_STD)
Details/Conditions: TTL_DSP1_-
CLOCK,
CL = 15 pF
Updated
description
SID873A
Clock pulse width
Details/Condi-
tions
Details/Conditions: TTL_DSP1_-
CLOCK pulse width
BGA (CL = 15 pF,
CFG_OUT/DRIVE_SEL<1:0>
=0b01 for HSIO_STD)
Details/Conditions: TTL_DSP1_-
CLOCK pulse
width,
CL = 15 pF
Updated
description
SID868A
Data/Control output to TTL_DSP1_-
CLOCK time
Details/Condi-
tions
Details/Conditions: TTL_DSP1_-
DATA_A0[11-0]
TTL_DSP1_DATA_A1[11-0]
TTL_DSP1_CONTROL[11-0]
(TCON for FPD-Link)
BGA (CL = 15 pF,
CFG_OUT/DRIVE_SEL<1:0>
=0b01 for HSIO_STD)
Details/Conditions: TTL_DSP1_-
DATA_A0[11-0]
TTL_DSP1_DATA_A1[11-0]
TTL_DSP1_CONTROL[11-0]
(TCON for FPD-Link)
CL = 15 pF
Updated
description
SID869A
TTL_DSP1_CLOCK to Data/Control valid
time
Details/Condi-
tions
Details/Conditions: TTL_DSP1_-
DATA_A0[11-0]
TTL_DSP1_DATA_A1[11-0]
TTL_DSP1_CONTROL[11-0]
(TCON for FPD-Link)
BGA (CL = 15 pF,
CFG_OUT/DRIVE_SEL<1:0>
=0b01 for HSIO_STD)
Details/Conditions: TTL_DSP1_-
DATA_A0[11-0]
TTL_DSP1_DATA_A1[11-0]
TTL_DSP1_CONTROL[11-0]
(TCON for FPD-Link)
CL = 15 pF
Updated
description
SID903
Output Clock Frequency (110 MHz)
All
(none)
Parameter: fPX110
Description: Output Clock
Frequency (110 MHz)
Min: 103.7 MHz
Typ: 110 MHz
Max: 116.3 MHz
Details/Conditions: When trans-
mitting an alternating 0/1 bit pattern
Added spec
SID904
Output Clock Frequency (55 MHz)
All
(none)
Parameter: fPX55
Description: Output Clock
Frequency (55 MHz)
Min: 52.35 MHz
Typ: 55 MHz
Max: 57.65 MHz
Details/Conditions: When trans-
mitting an alternating 0/1 bit pattern
Added spec
SID905
Output Clock Frequency (28 MHz)
All
(none)
Parameter: fPX28
Description: Output Clock
Frequency (28 MHz)
Min: 26.66 MHz
Typ: 28 MHz
Max: 29.34 MHz
Details/Conditions: When trans-
mitting an alternating 0/1 bit pattern
Added spec
SID906
Output Clock Frequency (14 MHz)
All
(none)
Parameter: fPX14
Description: Output Clock
Frequency (14 MHz)
Min: 13.28 MHz
Typ: 14 MHz
Max: 14.72 MHz
Details/Conditions: When trans-
mitting an alternating 0/1 bit pattern
Added spec
SID907
Output Clock Frequency (7 MHz)
All
(none)
Parameter: fPX7
Description: Output Clock
Frequency (7 MHz)
Min: 6.59 MHz
Typ: 7 MHz
Max: 7.41 MHz
Details/Conditions: When trans-
mitting an alternating 0/1 bit pattern
Added spec
SID1449
Pixel clock frequency
All
(none)
Parameter: fPX_BGA
Description: Pixel clock frequency
Min: –
Typ: –
Max: 220 MHz
Added spec
Rev. *I Electrical Spec Updates (continued)
Spec ID
Description
Changed Item
Current Spec (Rev. *H)
New Spec (Rev. *I)
Reason for Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com