Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 206 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 206 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 201Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 202Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 203Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 204Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 205Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 206Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 207Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 208Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 209Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 206 / 209 page
background image
Datasheet
206
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Revision history change log
Rev. *I Electrical Spec Updates
Spec ID
Description
Changed Item
Current Spec (Rev. *H)
New Spec (Rev. *I)
Reason for Change
Spec ID
Description
Changed Item
Current Spec (Rev. *H)
New Spec (Rev. *I)
Reason for Change
SID965A
Allowed Overshoot/
Undershoot input
voltage on HSIO_ENH
All
(none)
Parameter: VOS_US_IN
Description: Allowed Overshoot/
Undershoot input voltage on
HSIO_ENH
Min: –
Typ: –
Max: 1 V
Details/Conditions: Maximum
allowed Overshoot/undershoot
input on HSIO_ENH IO-cells
Added spec
SID966B
Allowed Overshoot/
Undershoot input
Duration on HSIO_ENH
All
(none)
Parameter: TOS_US_IN
Description: Allowed Overshoot/
Undershoot input Duration on
HSIO_ENH
Min: –
Typ: –
Max: 5 ns
Details/Conditions: Maximum
allowed Overshoot/undershoot
input on HSIO_ENH IO-cells
Added spec
SID138
Fall time of SCL and SDA
Details/Condi-
tions
Details/Conditions: Input and
output
Only for GPIO_ENH with
CFG_OUT/SLOW<0:0> =0b1
Details/Conditions: Input and
output
Output: Only valid for GPIO_ENH,
GPIO_SMC,
GPIO_STD
Updated
description
SID158
Fall time of SCL and SDA
Details/Condi-
tions
Details/Conditions: Input and
output
Output: Only for GPIO_ENH with
CFG_OUT/SLOW<0:0> =0b1
Details/Conditions: Input and
output
Output: Only valid for GPIO_ENH,
GPIO_SMC
Updated
description
SID178
Fall time of SCL and SDA
Details/Condi-
tions
Details/Conditions: Input and
output, 20-pF load
Output: Only for GPIO_ENH with
CFG_OUT/SLOW<0:0> =0b1
Details/Conditions: Input and
output, 20pF load
Output: Only for GPIO_ENH
Updated
description
SID240B
Signaling rate for TX on P15.3 for SCB#1
and P18.5 for SCB#4
All
(none)
Parameter: fBPS_TX
Description: Signaling rate for TX on
P15.3 for SCB#1 and P18.5 for SCB#4
Min:–
Typ:–
Max:25 Mbps
Details/Conditions: Valid only for TX
at 20 pF load
Added spec
SID241B
Frequency accuracy of TX bit time on
P15.3 for SCB#1 and P18.5 for SCB#4
All
(none)
Parameter: fACC
Description: Frequency accuracy of
TX bit time on P15.3 for SCB#1 and
P18.5 for SCB#4
Min: –0.5 ns
Typ:–
Max: 0.5 ns
Details/Conditions:With PLL, 200
MHz ≤ fVCO ≤ 400 MHz at 20 pF load
Added spec
SID242B
Jitter of TX on P15.3 for SCB#1 and P18.5
for SCB#4
All
(none)
Parameter: fJIT
Description:Jitter of TX on P15.3 for
SCB#1 and P18.5 for SCB#4
Min: –4.5 ns
Typ: –
Max: 4.5 ns
Details/Conditions: at 20 pF load
Added spec
SID274A
VDDD power ramp rate with robust BOD -
XRES_L asserted (BOD operation is
guaranteed)
Spec ID
Description
Details/Condi-
tions
Spec ID: SID274
Description: VDDD power ramp rate
with robust BOD (BOD operation is
guaranteed)
Details/Conditions: This ramp
supports robust BOD
Spec ID: SID274A
Description: VDDD power ramp rate
with robust BOD - XRES_L asserted
(BOD operation is guaranteed)
Details/Conditions: Applies to ramp
up and ramp down
Updated
description
SID274B
VDDD power ramp rate with robust BOD -
XRES_L de-asserted (BOD operation is
guaranteed)
All
(none)
Parameter: POR_RR1
Description:VDDD power ramp rate
with robust BOD - XRES_L
de-asserted (BOD operation is
guaranteed)
Min: 1 mV/μs
Typ: –
Max: 100 mV/μs
Details/Conditions: Applies to ramp
up and ramp down
Added spec
SID275
VDDD power ramp rate without robust
BOD
Min
Details/Condi-
tions
Min: –
Details/Conditions: This ramp does
not support robust BOD
tPOFF must be satisfied.
Min: 100 mV/μs
Details/Conditions: This ramp does
not support robust BOD
tPOFF must be satisfied.
Applies to ramp up and ramp down
Updated
description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com