Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 199 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 199 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 195Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 196Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 197Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 198Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 199Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 200Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 201Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 202Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 203Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 209 page
background image
Datasheet
199
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Errata
10. Several data retention information in Register TRM are incorrect
Problem Definition
The following registers are described as ‘Retained’ in the Register TRM while it is not guaranteed that the
value before entering DeepSleep mode is still readable from the register.
- SARADC: PASSx_SARy_CHz_RESULT
- SRSS: PWR_LVD_STATUS
- SRSS: PWR_LVD_STATUS2
- SRSS: CLK_CAL_CNT1
- SRSS: CLK_CAL_CNT2
- SRSS: CLK_FLL_STATUS
- SRSS: WDT_INTR
- SRSS: WDT_INTR_MASKED
- SRSS: CLK_PLL400Mx_STATUS
- MIXER: MIXER_DST_STRUCT_INTR_DST_MASKED
Parameters Affected
N/A
Trigger Condition(s)
Use of the related function and wakeup from DeepSleep mode.
Scope of Impact
The values before entering DeepSleep are not retained.
Workaround
For PASSx_SARy_CHz_RESULT, any of following:
1) Store the conversion values at another memory location before entering DeepSleep mode
2) Restart the conversion after wakeup from DeepSleep mode
For the other registers:
Rewrite the register value or read the status flags again after wakeup.
Fix Status
No silicon fix planned. Register TRM will be updated.
11. SCBx_INTR_TX.UNDERFLOW bit may be set unintentionally
Problem Definition
There is possibility of setting the SCBx_INTR_TX.UNDERFLOW bit even if the FIFO is not empty.
Parameters Affected
N/A
Trigger Condition(s)
Using the TX FIFO for SCB when the AHB-Lite interface clock (CLK_GR6) frequency of the AHB bus
is greater than 3x the SCB functionality clock (PCLK_SCBx_CLOCK).
Scope of Impact
SCBx_INTR_TX.UNDERFLOW bit may be set unintentionally.
Workaround
Ignore the SCBx_INTR_TX.UNDERFLOW bit if the FIFO is not empty.
Fix Status
No silicon fix planned. Register TRM will be updated.
12. Conditions in datasheet for standard SMIF SDR mode extended
Problem Definition
The required register setting for SMIF SDR mode
(SMIFx_COREy_CTL2.TX_SDR_EXTRA_SETUP = 1) was missing and could lead to incorrect
timing.
Parameters Affected
Recommended configuration for standard SMIF SDR mode got extended.
Trigger Condition(s)
Use of standard SMIF SDR mode.
Scope of Impact
Setup time (SID1605) might not be met in standard SMIF SDR mode.
Workaround
Follow the new recommended configuration (SMIFx_COREy_CTL2.TX_SDR_EXTRA_SETUP = 1).
Fix Status
No silicon fix planned. Datasheet was updated to add the new recommended configuration
(SMIFx_COREy_CTL2.TX_SDR_EXTRA_SETUP = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com