Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 189 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 189 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 185Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 186Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 187Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 188Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 189Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 190Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 191Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 192Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 193Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 209 page
background image
Datasheet
189
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Packaging
28
Packaging
CYT4DN microcontroller is offered in the packages listed in the Table 28-1.
Table 28-1
Package information
Package
Dimensions[97]
Contact/Lead Pitch Coefficient of Thermal Expansion I/O Pins
327-BGA
17 × 17 × 1.70 mm (max)
0.8-mm
a1[98] = 6 ppm/°C, a2[99] = 25 ppm/°C
168
Table 28-2
Package characteristics[100]
Parameter
Description
Conditions
Min
Typ
Max
Units
TA
Operating ambient temperature
A-grade
–40
–
85
°C
TA
Operating ambient temperature
S-grade
–40
–
105
°C
TJ
Operating junction temperature
–
–
–
150
°C
RθJA
Package thermal resistance,
junction to ambient θJA[101]
327-BGA
–
–
14.8
°C/Watt
RθJB
Package thermal resistance,
junction to board θJB
327-BGA
–
–
9.9
°C/Watt
RθJC
Package thermal resistance,
junction to case θJC
327-BGA
–
–
2.1
°C/Watt
Table 28-3
Solder reflow peak temperature, Package moisture sensitivity level (MSL), IPC/JEDEC
J-STD-2
Package
Maximum peak temperature
(°C)
Maximum time at peak temperature
(seconds)
MSL
327-BGA
260
30
3
Notes
97.The dimensions (column 2) are valid for room temperature.
98.a1 = CTE (Coefficient of Thermal Expansion) value below Tg (ppm/°C) (Tg is glass transition temperature which is 131°C).
99.a2 = CTE value above Tg (ppm/°C).
100.Board condition complies to JESD51-7(4 Layers).
101.The TA and TJ values for the packages will be provided in a later revision of the datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com